Electronic Components Datasheet Search
  English  ▼

X  

OPA172ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172ID
Description  36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA172ID Datasheet HTML 1Page - Texas Instruments OPA172ID Datasheet HTML 2Page - Texas Instruments OPA172ID Datasheet HTML 3Page - Texas Instruments OPA172ID Datasheet HTML 4Page - Texas Instruments OPA172ID Datasheet HTML 5Page - Texas Instruments OPA172ID Datasheet HTML 6Page - Texas Instruments OPA172ID Datasheet HTML 7Page - Texas Instruments OPA172ID Datasheet HTML 8Page - Texas Instruments OPA172ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
OPA172
OPA2172
OPA4172
SBOS618 – DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
±20 (+40 single supply)
V
Common-mode
(V–) – 0.5 to (V+) + 0.5
V
Voltage(2)
Signal input
Differential
±0.5
V
terminals
Current
±10
mA
Output short circuit(3)
Continuous
Operating temperature
–55 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Electrostatic
Human body model (HBM)
4
kV
discharge (ESD)
Charged device model (CDM)
1
kV
ratings:
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Transient conditions that exceed these voltage ratings should be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com