Electronic Components Datasheet Search
  English  ▼

X  

NMJ Datasheet(PDF) 2 Page - C&D Technologies

Part # NMJ
Description  5.2k VDC Isolated 1W DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMJ Datasheet(HTML) 2 Page - C&D Technologies

  NMJ Datasheet HTML 1Page - C&D Technologies NMJ Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NDC NM J.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
NMJ SERIES
5.2kVDC Isolated 1W DC/DC Converters
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
1 minute
5200
VDC
Resistance
500VDC
1000
MΩ
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
70
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-55
130
°C
Case Temperature
All output types
30
°C
Above Ambient
Cooling
Free air convection
MECHANICAL DIMENSIONS
0.77 (19.50)
0.39
(9.80)
0.49
(12.50)
0.18 (4.60)
0.14 (3.60)
0.022 (0.55)
0.018 (0.45)
0.022 (0.55)
0.018 (0.45)
0.094
(2.40)
0.074±0.02
1.88±0.50
0.10 (2.54)
7 Pin SIP
12
5 6 7
PIN
1VIN
2
GND
5–V
60V
7+V
Weight: 4.9g
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
XYYWWi
NMJ0505S
PERFORMANCE CHARACTERISTICS
tolerance envelope
+10%
+6%
V nominal
temperature derating graph
2.0
1.5
1.0
0.5
0
+2.5%
–4%
–7.5%
10
50
100
Output Load Current (%)
-40
0
50
100
150
Ambient Temperature (°C)
85°C
Safe Operating Area
0.012 (0.30)
0.007 (0.20)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com