Electronic Components Datasheet Search
  English  ▼

X  

MIMMF150S060B Datasheet(PDF) 2 Page - Micross Components

Part # MIMMF150S060B
Description  600V 150A FRED Module RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF150S060B Datasheet(HTML) 2 Page - Micross Components

  MIMMF150S060B Datasheet HTML 1Page - Micross Components MIMMF150S060B Datasheet HTML 2Page - Micross Components MIMMF150S060B Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIMMF150S060B
MIMMF150S060B2B
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR=600V
--
--
1
mA
IRM
Reverse Leakage Current
VR=600V, TJ=125°C
--
--
5
mA
IF=150A
--
1.15
1.60
V
VF
Forward Voltage
IF=150A, TJ=125°C
--
--
1.45
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
50
--
ns
trr
Reverse Recovery Time
--
130
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=150A
diF/dt=-200A/μs, TJ=25°C
--
14
--
A
trr
Reverse Recovery Time
--
220
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=150A
diF/dt=-200A/μs, TJ=125°C
--
22
--
A
500
300
VR=300V
TJ =125°C
250
400
200
300
TJ =125°C
150
VF(V)
Figure1. Forward Voltage Drop vs Forward Current
TJ =25°C
100
50
0
0
0.5
1
1.5
2
2.5
diF/dt(A/μs)
Figure2. Reverse Recovery Time vs diF/dt
1000
800
600
400
200
0
0
100
200
IF=300A
IF=150A
IF=75A
100
6
VR=300V
TJ =125°C
VR=300V
TJ =125°C
5
80
IF=300A
IF=75A
IF=150A
4
IF=300A
60
IF=150A
IF=75A
3
40
2
20
1
0
diF/dt(A/μs)
Figure3. Reverse Recovery Current vs diF/dt
0
200
400
600
800
1000
diF/dt(A/μs)
Figure4. Reverse Recovery Charge vs diF/dt
0
200
400
600
800
1000
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com