Electronic Components Datasheet Search
  English  ▼

X  

IRFHM8326PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHM8326PBF
Description  Charge and Discharge Switch for Notebook PC Battery Application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8326PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHM8326PBF Datasheet HTML 1Page - International Rectifier IRFHM8326PBF Datasheet HTML 2Page - International Rectifier IRFHM8326PBF Datasheet HTML 3Page - International Rectifier IRFHM8326PBF Datasheet HTML 4Page - International Rectifier IRFHM8326PBF Datasheet HTML 5Page - International Rectifier IRFHM8326PBF Datasheet HTML 6Page - International Rectifier IRFHM8326PBF Datasheet HTML 7Page - International Rectifier IRFHM8326PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
IRFHM8326PbF
2
www.irf.com
© 2013 International Rectifier
March 14, 2013
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
22
–––
mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.8
4.7
m
 VGS = 10V, ID = 20A 
–––
5.2
6.7
VGS = 4.5V, ID = 20A 
VGS(th)
Gate Threshold Voltage
1.2
1.7
2.2
V
VDS = VGS, ID = 50µA
V
GS(th)
Gate Threshold Voltage Coefficient
–––
-10
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 24V, VGS = 0V
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
gfs
Forward Transconductance
70
–––
–––
S
VDS = 10V, ID = 20A
Qg
Total Gate Charge
–––
39
–––
nC
VGS = 10V, VDS = 15V, ID = 20A
Qg
Total Gate Charge
–––
20
30
Qgs1
Pre-Vth Gate-to-Source Charge
–––
4.8
–––
 
VDS = 15V
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.6
–––
nC
VGS = 4.5V
Qgd
Gate-to-Drain Charge
–––
6.5
–––
 
ID = 20A
Qgodr
Gate Charge Overdrive
–––
6.1
–––
 
Qsw
Switch Charge (Qgs2 + Qgd)
–––
9.1
–––
 
Qoss
Output Charge
–––
11
–––
nC
VDS = 16V, VGS = 0V
RG
Gate Resistance
–––
1.9
–––
 
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 15V, VGS = 4.5V
tr
Rise Time
–––
35
–––
ns
ID = 20A
td(off)
Turn-Off Delay Time
–––
18
–––
 
RG=1.8
tf
Fall Time
–––
12
–––
 
Ciss
Input Capacitance
–––
2496
–––
VGS = 0V
Coss
Output Capacitance
–––
524
–––
pF
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
273
–––
 
ƒ = 1.0MHz
Avalanche Characteristics
  
 
 
Parameter
Typ.
Max.
EAS
Single Pulse Avalanche Energy
–––
58
IAR
Avalanche Current
–––
20
Diode Characteristics
  
 
 
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
–––
–––
25
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
278
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C, IS = 20A, VGS = 0V 
trr
Reverse Recovery Time
–––
15
23
ns
TJ = 25°C, IF = 20A, VDD = 15V
Qrr
Reverse Recovery Charge
–––
14
21
nC
di/dt = 300A/µs
–––
–––
150
VDS = 24V, VGS = 0V, TJ = 125°C
  
 
Parameter
Typ.
Max.
Units
RJC (Bottom) Junction-to-Case 
–––
3.4
RJC (Top)
Junction-to-Case
–––
41
°C/W
RJA
Junction-to-Ambient
–––
44
RJA (<10s)
Junction-to-Ambient
–––
31
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com