Electronic Components Datasheet Search
  English  ▼

X  

NMV Datasheet(PDF) 2 Page - C&D Technologies

Part # NMV
Description  3kVDC Isolated 1W Single & Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMV Datasheet(HTML) 2 Page - C&D Technologies

  NMV Datasheet HTML 1Page - C&D Technologies NMV Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMV 24V & 48V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NMV2.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
PIN CONNECTIONS
14 Pin DIP
PIN
1
GND
7
NC
8
+V
10
0V
14
VIN
7 Pin SIP
PIN
1
VIN
2
GND
5
0V
7
+V
14 Pin DIP
PIN
1
GND
7
NC
8
+V
9
0V
10
–V
14
VIN
7 Pin SIP
PIN
1
VIN
2
GND
5
–V
6
0V
7
+V
19.50
9.80
MECHANICAL DIMENSIONS
6.80†
15.24
1.09
2.13
7.62
4.60
3.60
0.55
0.45
0.55
0.45
2.54
19.50
6.00††
10.0
1.88±0.50
1.25
15.24
4.60
3.60
2.54
†
7.70 for 48V variants
††
7.50 for 48V variants
* Pin not fitted on single output variants
All dimensions in mm XX.XX ±0.25mm. All pins on a
2.54mm pitch and within ±0.25mm of true position.
14 Pin DIP
Weight: 2.11g
7 Pin SIP
Weight: 2.11g
NMV2405D
XYYWW
NMV2415S
XYYWW
1 2
6* 7
5
0.30
0.20
8
9*
10
14
7
1
0.30
0.20
0.55
0.45
Single
Output
Variants
Dual
Output
Variants
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
For 1 minute
3000
VDC
Resistance
Viso=1000VDC
1
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All input types
100
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
0
70
°C
Storage
–55
150
°C
Cooling
Free air convection
PERFORMANCE CHARACTERISTICS
tolerance envelope
+10%
+5%
V nominal
+2.5%
-2.5%
-7.5%
10
50
100
Output Load Current (%)
temperature derating graph
2.0
1.5
1.0
0.5
0
–50
0
50
70
100 125 150
Ambient Temperature (°C)
Safe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com