Electronic Components Datasheet Search
  English  ▼

X  

NPH10S Datasheet(PDF) 2 Page - C&D Technologies

Part # NPH10S
Description  Isolated 10W Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH10S Datasheet(HTML) 2 Page - C&D Technologies

  NPH10S Datasheet HTML 1Page - C&D Technologies NPH10S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPH10S SERIES
Isolated 10W Single Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
For information and instructions on use, please consult the NPH SERIES
APPLICATION NOTES.
© C&D Technologies (NCL) Limited 2003
NDC NPH10S.6
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
ENVIRONMENTAL
Parameter
Conditions
MIN
TYP
MAX
Units
Case Temperature Full load
–40
110
°C
Storage
Absolute MAX internal temperature
–40
125
°C
Relative Humidity Non condensing 85°C
85
%
Thermal Protection Operates at case temperature
110
°C
Weight: 22g
All dimensions in Inches (mm) ± 0.01 (0.25)
All pins on a 0.10 (2.54) pitch and within ± 0.01 (0.25) of true position
* Optional pins
Case connected internally to 0V pin
0.8
20.32
0.98
25.00
0.80 (20.32)
0.39 (10.00)
1.78 (4.50)
0.15 (3.70)
0.39 (9.96)
0.23
(5.84)
0.2 (5.08)
THERMAL CHARACTERISTICS
THERMAL PERFORMANCE
MAX power rating with case temperature maintained by external means
(eg forced air cooling)
Case Temperature
Part Number
100°C
105°C
110°C
Units
NPH10S2403
10
7.0
2.3
NPH10S2405
10
8.2
3
NPH10S2412
10
9.5
4
W
NPH10S2415
12
9.5
4
NPH10S4803
10
7.0
1
NPH10S4805
10
4.7
1
NPH10S4812
12
8.0
0
W
NPH10S4815
12
7.5
0
MECHANICAL DIMENSIONS
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
2412
2415
2405
2403
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
4815
4812
4805
4803
SS
+VIN
-VIN
+VOUT
ADJ
0V
0.2 (5.08)
BOTTOM VIEW
0.09 (2.34)
0.2(5.08)
Ø
0.04 (1.04)
0.04 (0.90)
1.26
(32.00)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com