Electronic Components Datasheet Search
  English  ▼

X  

NTE Datasheet(PDF) 2 Page - C&D Technologies

Part # NTE
Description  Isolated 1W Single Output SM DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTE Datasheet(HTML) 2 Page - C&D Technologies

  NTE Datasheet HTML 1Page - C&D Technologies NTE Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NTE SERIES
Isolated 1W Single Output SM DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NTE.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All variants
110
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
–40
85
°C
Storage
–55
125
°C
0303M, 0305M, 0503M, 0505ME
30
Case Temperature
0505M, 1205M
40
°C
above ambient
All other output types
40
Cooling
Free air convection
MECHANICAL DIMENSIONS
PIN
1
GND
3
VIN
5
NA
7
0V
8
+V
10
NA
12
NA
14
NA
Weight: 1.21g
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch.
NA – Not available
for electrical connection
12.70
7.62
11.20
10.40
6.60
(5.95)
(6.35)
5.85
0.65
0.55
0.30
0.20
1.875
MAX
DETAIL A
DETAIL A
1.50
1.20
7.70
2.54
2.10
0.5
REFERENCE
PLANE
±5.00°
0.25
0.10
2.79MAX
1
3
5
7
8
10
12
14
0.1 S
0.2 M
P
S
P
10 PINS
SEATING PLANE
S
NTE0505M
XYYWW
PERFORMANCE CHARACTERISTICS
tolerance envelope (3.3V output types)
+9%
+1%
VNOM
-7%
+1%
-7%
-15%
10
25
50
75
100
Output Load Current (%)
tolerance envelope (all other types)
+10%
+5%
V
NOM
+2.5%
-2.5%
-7.5%
10
25
50
75
100
Output Load Current (%)
TEMPERATURE DERATING
2.0
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature (°C)
85°C
Safe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com