Electronic Components Datasheet Search
  English  ▼

X  

74LS54 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS54
Description  3-2-2-3-INPUT AND-OR-INVERT GATE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS54 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS54 Datasheet HTML 1Page - Motorola, Inc 74LS54 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-64
FAST AND LS TTL DATA
3-2-2-3-INPUT
AND-OR-INVERT GATE
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS54
3-2-2-3-INPUT
AND-OR-INVERT GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS54 TI-74LS54 Datasheet
406Kb / 11P
5-WIDE AND-OR-INVERT GATES
logo
Hitachi Semiconductor
74LS54 HITACHI-74LS54 Datasheet
44Kb / 5P
4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Motorola, Inc
74LS540 MOTOROLA-74LS540 Datasheet
203Kb / 5P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
74LS540 ONSEMI-74LS540 Datasheet
75Kb / 3P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74LS540 TI-74LS540 Datasheet
169Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LS54

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
National Semiconductor ...
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F51 PHILIPS-74F51 Datasheet
69Kb / 8P
Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate
1989 Mar 03
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
4-2-3-2-input AND-OR-invert gate
1996 Mar 14
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
4-2-3-2-Input AND-OR-Invert Gate
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com