Electronic Components Datasheet Search
  English  ▼

X  

NX350 Datasheet(PDF) 4 Page - C&D Technologies

Part # NX350
Description  350 WATT DC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX350 Datasheet(HTML) 4 Page - C&D Technologies

  NX350 Datasheet HTML 1Page - C&D Technologies NX350 Datasheet HTML 2Page - C&D Technologies NX350 Datasheet HTML 3Page - C&D Technologies NX350 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NX350 3/98 REV B
Page 4
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
AC Line
1
-V2
2
AC Neutral
2
+V2
3
Ground
3
-V3
4
+V3
5
-V4
6
+V4
J9 Connector
J9 Connector
PIN
FUNCTION
Molex No.
1
+ Sense
Connector
22-28-1090
2
- Sense
3N/C
4N/C
5
Start Up Sync.
6Power Fail
7
Remote Inhibit
8
Current Share
9
Cntl Signal Rtn
Mechanical
8.50
0.25
0.55
3.90
9.00
4.85
1.95
0.040
COVER
OUTPUT NO. 1
TB2
J9
5v RETURN
5v
6-32 THD 4 PLC’S
Maximum depth of mounting
screws is 0.156 inches
TB1
NOTES:
All measurements are in inches
FAN MOUNTED ON COVERWILL ADD 1.30”.
COOLING: The NX350 is designed to operate with 30 CM airflow.
SHOCK AND VIBRATION: The NX350 meets the requirements of MIL STD-810D. (Vibration-Method 514.3 Procedure I; Shock-Method 516.3 Procedure I.)
WEIGHT: Approximately 3 lbs.
TOP VIEW
Standard Options are shown, consult factory for other available options.
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D
Technologies product for use in life support devices/systems or in aircraft control applications.
1
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com