Electronic Components Datasheet Search
  English  ▼

X  

NTH0515M Datasheet(PDF) 2 Page - C&D Technologies

Part # NTH0515M
Description  Isolated 2W Dual Output SM DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTH0515M Datasheet(HTML) 2 Page - C&D Technologies

  NTH0515M Datasheet HTML 1Page - C&D Technologies NTH0515M Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NTH SERIES
Isolated 2W Dual Output SM DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NDC NTH.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
temperature derating graph
3.0
2.5
2.0
1.5
1.0
0.5
0
MECHANICAL DIMENSIONS
-40
0
50
100
150
Ambient Temperature (°C)
85°C
0.700 (17.78)
0.710
(18.03)
0.690
(17.53)
0.236
(6.00)
0.226
(5.75)
0.500
(12.70)
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
– 40
85
°C
Storage
– 55
125
°C
Case Temperature
All 5V output types
30
above ambient
All 12V output types
25
°C
Cooling
Free Air Convection
18 Pin SMD Package Style
Recommended Footprint Details
Pin Connections
TUBE OUTLINE DIMENSIONS
tolerance envelope
+10%
+5%
V nominal
+2.5%
-2.5%
-7.5%
10
50
100
Output Load Current (%)
PERFORMANCE CHARACTERISTICS
1
26
24
22
18
16
14
35
9
11
13
0.108 (2.74) Max
SEATING PLANE
REFERENCE PLANE
DETAIL A
S
0.650
(16.50)
0.600 (15.24)
0.600 (15.24)
0.039 (1.00) Min
0.535 (1.36)
0.417 (1.06)
x12 Pins
0.100 (2.54)
0.060 (1.52) Max
x12 Pins
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
12 Pins 0.029 (0.74)
0.025 (0.64)
0.2 M
P
S
0.079
(2.00)
0.197
(0.50)
0.100 (2.54)
0.108
(2.75)
±5.00°
All dimensions in inches ±0.010 (mm ±0.25). All pins on a 0.10 (2.54) pitch.
1 NA – Not available for electrical connection
2 NC – No internal electrical connection
0.1
S
0.2 M
P
S
PIN
1
GND
3VIN
5NA1
9–V
11
0V
13
+V
14
NA1
16
NA1
18
–V
22
NC2
24
NA1
26
NA1
Weight: 2.75g
Detail A
0.024±0.006
(0.60±0.15)
0.567(14.40)
0.228(5.80)
+0.031(0.80)
–0.024(0.60)
0.819(20.80)
Tube length: 18.700±0.079(475±2.00)
Tube material: Antistatic coated clear pvc
0.091(2.30)
+0.006(0.15)
–0.010(0.25)
18 Pin SMD Tube
PACKAGING DETAILS
Order Code
Packaging Style
QTY
NTHXXXXM
Tube
25
NTHXXXXM-R
Tape & Reel
400
Tape & Reel to IEC 286-3 Specifications. For
tape and reeling packaging details refer to:
www.dc-dc.com/cd/products/application_notes.htm
Safe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com