Electronic Components Datasheet Search
  English  ▼

X  

IRLHM630 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLHM630
Description  Small PowIR MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHM630 Datasheet(HTML) 2 Page - International Rectifier

  IRLHM630 Datasheet HTML 1Page - International Rectifier IRLHM630 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information in North America call +1 310 252 7105, in Europe cal l +49 6102 884 311, or visit us at www.irf.com
11608_FS
Small PowIR MOSFETs
Voltage
(V)
R
DS(ON) max (mΩ) @
I
D (A) @
Qg typ
(nC)
PQFN
SOT-23
TSOP-6
SO-8
10 V
GS
4.5 V
GS
2.5 V
GS
Tc=25°C
Ta=25°C
Part
Number
Footprint
20
-
2.5
2.8
-
27
130
IRF6201
-
2.5
3.5
40
-
52
IRLHM620
3.3 x 3.3
-
11.7
15.5
22
-
14
IRLHS6242
2 x 2
-
11.7
15.5
22
-
14
IRLHS6276
2 x 2
-
21
27
-
6.3
8.9
IRLML6244
-
46
66
-
4.1
3.5
IRLML6246
25
2.7
3.7
-
-
25
35
IRF8252
13
21
-
21
-
4.3
IRFHS8242
2 x 2
24
41
-
-
5.8
5.4
IRFML8244
30
-
3.5
4.5
40
-
41
IRLHM630
3.3 x 3.3
2.8
3.8
-
-
24
44
IRF8788
3.3
4.5
-
-
21
30
IRF7862
3.5
5.1
-
-
21
20
IRF8734
3.8
6
-
40
-
31
IRFHM830
3.3 x 3.3
4.8
6.8
-
-
18
17
IRF8736
4.3
7.1
-
40
-
13
IRFHM830D
3.3 x 3.3
8.5
12.5
-
-
14
8.3
IRF8721
7.8
12.6
-
47
-
7.3
IRFHM831
3.3 x 3.3
7.8
12.6
-
47
-
7.3
IRFHM8363
3.3 x 3.3
8.7
13
-
-
14
8.1
IRF8714
-
14.6
19
-
9.9
11
IRL6342
-
14.6
19
-
9.9
11
IRL6372
-
15.5
19.5
19
-
11
IRLHS6342
2 x 2
-
15.5
19.5
19
-
11
IRLHS6376
2 x 2
11.9
17.5
-
-
11
6.2
IRF8707
-
17.5
22
-
8.3
11
IRLTS6342
16
25
-
19
-
4.2
IRFHS8342
2 x 2
19
29
-
-
8.2
4.8
IRFTS8342
-
29
37
-
5
6.8
IRLML6344
27
40
-
-
5.3
2.6
IRLML0030
-
63
80
-
3.4
2.9
IRLML6346
100
154
-
-
2.7
1
IRLML2030
40
56
78
-
-
3.6
2.6
IRLML0040
60
92
116
-
-
2.7
2.5
IRLML0060
480
640
-
-
1.2
0.7
IRLML2060
100
220
235
-
-
1.6
2.5
IRLML0100
Voltage
(V)
R
DS(ON) max (mΩ) @
I
D (A) @
Qg typ
(nC)
PQFN
SOT-23
TSOP-6
SO-8
10 V
GS
4.5 V
GS
2.5 V
GS
Tc=25°C
Ta=25°C
Part
Number
Footprint
-30
4.6
6.8
-
-
-20
58
IRF9310
4.6
7.1
-
-40
-
58
IRFH9310
5 x 6 B
6.6
10.2
-
-
-16
31
IRF9317
7.2
11.2
-
-
-15
34
IRF9321
11.9
19.7
-
-
-12
18
IRF9328
17.5
28.1
-
-
-9.8
14
IRF9332
19.4
32.5
-
-
-9.2
14
IRF9333
37
65
-
-13
-
6.9
IRFHS9301
2 x 2
37
65
-
-13
-
6.9
IRFHS9351
2 x 2
40
66
-
-
-5.8
12
IRFTS9342
64
103
-
-
-3.6
4.8
IRLML9301
59
110
-
-
-5.4
4.7
IRF9335
59
110
-
-
-5.4
4.7
IRF9358
59
110
-
-
-5.4
4.7
IRF9362
165
270
-
-
-2.3
2
IRLML9303
14.6
-
-
-24
-
16
IRFHM9331
3 x 3
-20
-
31
53
-15
-
12
IRLHS2242
2 x 2
-
54
95
-
-4.3
6.9
IRLML2244
-
135
236
-
-2.6
2.9
IRLML2246
Voltage
(V)
R
DS(ON) max (mΩ) @
Configuration
Qg typ (nC)
PQFN
SO-8
10 V
GS
4.5 V
GS
2.5 V
GS
Part
Number
Footprint
-30
16.3
23.8
-
Independent Symmetric
19
IRF9358
21
32
-
Independent Symmetric
13
IRF9362
170
290
-
Independent Symmetric
1.9
IRFHS9351
2 x 2
20
-
45
62
Independent Symmetric
3.1
IRLHS6276
2 x 2
30
8.6
14.5
-
Half-Bridge Asymmetric
8.3
IRFH7911
5 x 6 C
3
4
-
34
-
17.9
23
Independent Symmetric
11
IRL6372
14.9
20.4
-
Independent Symmetric
15
IRFHM8363
3.3 x 3.3 E
15.5
21.6
-
Independent Symmetric
6
IRF8313
15.5
22.2
-
Half-Bridge Asymmetric
5.7
IRF8513
12.7
16.9
-
7.6
-
-
82
Independent Symmetric
2.8
IRLHS6376
2 x 2
50
130
200
-
Independent Symmetric
12
IRF7103U
60
17.8
-
-
Independent Symmetric
24
IRF7351
100
195
-
-
Independent Symmetric
4.2
IRFHM792
3.3 x 3.3 E
N-Channel Small PowIR MOSFETs
P-Channel Small PowIR MOSFETs
Dual MOSFETs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com