Electronic Components Datasheet Search
  English  ▼

X  

IRFHM830D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM830D
Description  Small PowIR MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830D Datasheet(HTML) 1 Page - International Rectifier

  IRFHM830D Datasheet HTML 1Page - International Rectifier IRFHM830D Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more information in North America call +1 310 252 7105, in Europe call +49 6102 884 311, or visit us at www.irf.com
11608_FS
Features:
• Low R
DS(ON)
• Breakdown voltages from
-30V to 100V
• N-Channel and P-Channel
devices available
• Industry standard packages
Advantages:
• Shrink board space
• Extend battery life
• Improve system flexibility
• Reduce system cost
Applications:
• Battery management
• Load switch
• Low power DC motor
• LED lighting
Improve efficiency, extend battery life and reduce system
size with IR’s Small PowIR MOSFETs
International Rectifier’s Small PowIR MOSFETs brings big value to your small power
application. By combining the latest high performance silicon technology with the
latest in small and innovative packaging, IR offers designers more flexibility when
it comes to making a MOSFET selection. For example, the IRLML6244TRPBF from
the new SOT-23 portfolio, can provide better R
DS(on) (21 mΩ max @ 4.5Vgs) than some
SO-8 devices on the market that are twice its size. Also, the new 2x2 PQFN (Power
Quad Flat No-lead) package family offer some of the smallest dual configurations
possible (dual N or dual P) while providing optimal thermal performance (19°C/W)
to rival packages nearly 3 times its size. The entire family, including SO-8, TSOP-6,
and PQFN 3x3, allows designers to maximize board space, save on part count, and
improve system efficiency.
up to 2 A
up to 4 A
up to 7 A
up to 10 A
Dual
PQFN 2x2
SOT-23
TSOP-6
PQFN 2x2
THE POWER MANAGEMENT LEADER
Small PowIR MOSFETs
BENCHMARK MOSFETS


Similar Part No. - IRFHM830D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
Synchronous MOSFET for Buck Converters
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
250Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFHM830DPBF IRF-IRFHM830DPBF_15 Datasheet
250Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFHM830DTRPBF IRF-IRFHM830DTRPBF Datasheet
211Kb / 8P
Synchronous MOSFET for Buck Converters
More results

Similar Description - IRFHM830D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN101 VISHAY-AN101 Datasheet
44Kb / 5P
MOSFETs
10-Mar-97
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
Motorola, Inc
MMBF2201PT1 MOTOROLA-MMBF2201PT1 Datasheet
132Kb / 6P
LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
NXP Semiconductors
PSMN4R3-80PS PHILIPS-PSMN4R3-80PS Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
logo
ON Semiconductor
MGSF3442XT1 ONSEMI-MGSF3442XT1 Datasheet
129Kb / 4P
Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 2
MGSF3454XT1 ONSEMI-MGSF3454XT1 Datasheet
156Kb / 6P
Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 1
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com