Electronic Components Datasheet Search
  English  ▼

X  

PWR70 Datasheet(PDF) 1 Page - C&D Technologies

Part # PWR70
Description  DC/DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR70 Datasheet(HTML) 1 Page - C&D Technologies

  PWR70 Datasheet HTML 1Page - C&D Technologies PWR70 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW COST, HIGH ISOLATION
Six-sided shielding suppresses electromagnetic radia-
tion which could disturb sensitive analog measure-
ments or interfere with system timing signals. Input
filtering minimizes reflected ripple current. Output
ripple voltage and switching transients are reduced
by filtering the PWR70 outputs.
The PWR70 is tested in compliance with UL544,
VDE750, and CSA C22.2 dielectric withstand volt-
age requirements.
NOTES: All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
WEIGHT: 15gm (0.53oz)
Marked with: specific model ordered, date code, job
code.
MATERIAL: Units are encapsulated in a low thermal
resistance molding compound which has excellent
chemical resistance, wide operating temperature
range, and good electrical properties under high
humidity environments. Lead material is brass with a
solder plated surface to allow ease of solderability.
FEATURES
TESTED IN COMPLIANCE WITH UL544
OUTPUT POWER TO 3W
HIGH ISOLATION VOLTAGE: 2000VDC
SIX-SIDED SHIELDING
INPUT AND OUTPUT FILTERING
LOW PROFILE PACKAGE: 0.4" High
DESCRIPTION
The PWR70 is a dual-output DC/DC converter de-
signed for general purpose power conversion applica-
tions where high efficiency is more important than
load regulation.
The PWR70 provides a plus and minus output volt-
age approximately equal to the input voltage magni-
tude. It operates over an input voltage range of
10VDC to 18VDC. Isolation voltage is a minimum of
2000VDC.
PWR70 SERIES
3 WATTS
UNREGULATED
DC/DC CONVERTERS
APPLICATIONS
POWER FOR DATA ACQUISITION, OP
AMPS, ETC.
PROCESS CONTROL
PORTABLE EQUIPMENT
TEST EQUIPMENT
MECHANICAL
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - PWR70

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
3 WATTS UNREGULATED
logo
C&D Technologies
PWR7000 CANDD-PWR7000 Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR7000AC CANDD-PWR7000AC Datasheet
200Kb / 3P
5 WATTS REGULATED DC/DC CONVERTER
PWR7004AC CANDD-PWR7004AC Datasheet
200Kb / 3P
5 WATTS REGULATED DC/DC CONVERTER
PWR7005 CANDD-PWR7005 Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
More results

Similar Description - PWR70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com