Electronic Components Datasheet Search
  English  ▼

X  

KB-133 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # KB-133
Description  Radial Lead Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KB-133 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  KB-133 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KB-133 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KB-133 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KB-133 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
1 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KB Series
SOCAY Electronics Co., Ltd.
www.socay.com
The KB Series of high current transient suppressors have been
specially designed for use in A.C. line protection and any
demanding applications (AC or DC). Any voltage rise due to
increased current conduction is contained to a minimum, providing
the best possible protection level. They can also be connected in
series and/or parallel to create very high capacity protection
solutions.
u
Axial lead terminals
u
High current transient suppressor
u
Excellent Clamping Capability
u
Glass Passivated Junction
u
Bi-directional
u
Low Slope Resistance
u
Repetition Rate (duty cycle):0.01%
u
Hazardous Substances Free
u
RoHS Compliant
u
High Temperature soldering: 260
°C/10 seconds at terminals
u
Epoxy Encapsulated
u
Silver plated leads
u
Solderable per MIL-STD-202 Method 208
Parameter
Symbol
Value
Unit
Operating junction
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Current Rating
1
IPP
6
KA
Notes:
1. Rated IPP measured with 8
× 20μs pulse.
Maximum Ratings
(TA=25℃ unless otherwise noted)
Description
Features
Functional Diagram
Bi-directional


Similar Part No. - KB-133

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-133 SOCAY-KB-133 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - KB-133

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KC-012 SOCAY-KC-012 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com