Electronic Components Datasheet Search
  English  ▼

X  

PWR70H Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR70H
Description  DC/DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR70H Datasheet(HTML) 2 Page - C&D Technologies

  PWR70H Datasheet HTML 1Page - C&D Technologies PWR70H Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL SPECIFICATIONS
At T
A = +25°C, +VIN = 15VDC, and IOUT = ±15mA unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Rated Voltage
15
VDC
Voltage Range
10
18
VDC
Input Current
I
OUT = ±3mA
25
mA
I
OUT = ±33mA
150
mA
Ripple Current
I
OUT = ±33mA
10
mAp-p
ISOLATION
Rated Voltage
2000
VDC
Test Voltage
60s, 60Hz
5000
Vpk
Resistance
10
G
Ω
Capacitance
12
pF
Leakage Current
V
ISO = 240VAC, 60Hz
2
µA
OUTPUT
Rated Voltage
±15
VDC
Voltage Accuracy
±5
%
Rated Current
±15
mA
Current Range
0
±100
mA
Line Regulation
10VDC ¯ V
IN ¯ 18VDC
1.08
V/V
Load Regulation
±3mA ¯ I
OUT ¯ ±33mA
35
mV/mA
Ripple Voltage
I
OUT = ±3mA
10
mVp-p
I
OUT = ±33mA
80
mVp-p
TEMPERATURE
Specification
–25
+85
°C
Operating
–55
+125
°C
Storage
–65
+150
°C
ABSOLUTE MAXIMUM RATINGS
Input Voltage...................................................................18VDC
Output Current..............................................................±150mA
Output Short-Circuit Duration...................................Continuous
ORDERING INFORMATION
PWR 70 /H
Device Family
PWR indicates DC/DC converter
Model Number
Reliability Screening
No designator indicates standard manufacturing processing
Ambient Temperature (°C)
2
1
0
–1
–2
–65 –35
–5255585
115 145
±3mA Load
±30mA Load
Output Current (mA)
6
4
2
0
–2
–4
–6
0
1020304050
Equal Load
Varying Load
(One output
constant 15mA load,
other output vary current.)
FIGURE 2. Temperature Drift.
FIGURE 1. Load Regulation.
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes no responsibility for
the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D Technologies product for use in life support devices/systems
or in aircraft control applications. C&D Technologies, Iso-ThermoFlex and T.E.A.M. Q are trademarks of C&D Technologies Corporation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com