Electronic Components Datasheet Search
  English  ▼

X  

PWR4010 Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR4010
Description  SERIES DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR4010 Datasheet(HTML) 3 Page - C&D Technologies

  PWR4010 Datasheet HTML 1Page - C&D Technologies PWR4010 Datasheet HTML 2Page - C&D Technologies PWR4010 Datasheet HTML 3Page - C&D Technologies PWR4010 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PWR40XX 5/2001 REV E
Page 3
TYPICAL PERFORMANCE CURVES
T
A = +25°C, Rated Input Voltage, rated Output Current unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ...................................................... 1 second
Internal Power Dissipation .............................................................. 850mW
Lead Temperature (soldering, 10 seconds max) ............................ +300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
High Voltage Option
No Designator Indicates Standard Model
Optional Screening
PWR
40XX
-HV
/H
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com