Electronic Components Datasheet Search
  English  ▼

X  

RCM3375 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RCM3375
Description  C-Programmable Core Module with NAND Flash Mass Storage and Ethernet
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCM3375 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RCM3375 Datasheet HTML 9Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 10Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 11Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 12Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 13Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 14Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 15Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 16Page - List of Unclassifed Manufacturers RCM3375 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
User’s Manual
7
1.4.2 Software
The RCM3365 and the RCM3375 are programmed using version 9.24 or later of Dynamic C.
A compatible version is included on the Development Kit CD-ROM.
Rabbit is also offering RCM3365 RabbitCore modules preloaded with Dynamic C Rabbit-
Sys firmware to allow these modules to run Dynamic C RabbitSys. Dynamic C RabbitSys
requires Dynamic C version 9.30 or later, and allows the RCM3365 to be accessed via an
Ethernet connection for remote application updates, and for remote monitoring and con-
trol. A RabbitSys Development Kit is available with all the hardware and software tools
that are needed to develop a RabbitSys application.
Dynamic C v. 9.60 includes the popular µC/OS-II real-time operating system, point-to-
point protocol (PPP), FAT file system, RabbitWeb, and other select libraries that were
previously sold as individual Dynamic C modules.
Rabbit also offers for purchase the Rabbit Embedded Security Pack featuring the Secure
Sockets Layer (SSL) and a specific Advanced Encryption Standard (AES) library. In addi-
tion to the Web-based technical support included at no extra charge, a one-year telephone-
based technical support subscription is also available for purchase. Visit our Web site at
www.rabbit.com for further information and complete documentation, or contact your
Rabbit sales representative or authorized distributor.
NOTE: Version 2.10 or later of the Dynamic C FAT file system module is required to use
the FAT file system with the RCM3365 and RCM3375 models.
1.4.3 Accessories
Rabbit has available a USB Removable Memory Card Reader and a Connector Adapter
Board.
•
USB Removable Memory Card Reader (Part No. 20-101-1104)—allows you to read
data from the xD-Picture Card via your PC.
•
Connector Adapter Board (Part No. 151-0114)—allows you to plug the RCM3365/
RCM3375 whose headers have a 2 mm pitch into header sockets with a 0.1" pitch.
Visit our Web site at www.rabbit.com or contact your Rabbit sales representative or autho-
rized distributor for further information.
1.4.4 Online Documentation
The online documentation is installed along with Dynamic C, and an icon for the docu-
mentation menu is placed on the workstation’s desktop. Double-click this icon to reach the
menu. If the icon is missing, use your browser to find and load default.htm in the docs
folder, found in the Dynamic C installation folder.
The latest versions of all documents are always available for free, unregistered download
from our Web sites as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com