Electronic Components Datasheet Search
  English  ▼

X  

PWR4017 Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR4017
Description  SERIES DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR4017 Datasheet(HTML) 2 Page - C&D Technologies

  PWR4017 Datasheet HTML 1Page - C&D Technologies PWR4017 Datasheet HTML 2Page - C&D Technologies PWR4017 Datasheet HTML 3Page - C&D Technologies PWR4017 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWR40XX 5/2001 REV E
Page 2
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage and rated output current unless otherwise specified.
MINIMUM
NOMINAL
MAXIMUM
RATED
RATED
REFLECTED
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
NO
RATED
RIPPLE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CURRENT
LOAD
LOAD
CURRENT
MODEL
(VDC)(VDC)(VDC)(VDC)
(mA)
(mA)
(mA)
(mAp-p)
PWR4000
4.5
5
5.5
5
800
50
950
20
PWR4004
4.5
5
5.5
±12
±170
50
950
20
PWR4005
4.5
5
5.5
±15
±135
50
950
20
PWR4006
10.2
12
13.8
5
800
35
400
30
PWR4007
10.2
12
13.8
12
340
35
400
30
PWR4010
10.2
12
13.8
±12
±170
35
400
30
PWR4011
10.2
12
13.8
±15
±135
35
400
40
PWR4012
12.75
15
17.25
5
800
30
300
40
PWR4016
12.75
15
17.25
±12
±170
30
300
40
PWR4017
12.75
15
17.25
±15
±135
30
300
40
PWR4018
20.40
24
27.6
5
800
30
180
40
PWR4022
20.40
24
27.6
±12
±170
30
180
40
PWR4023
20.40
24
27.6
±15
±135
30
180
40
Other input and output voltage options may be available. Please contact factory.
INPUTCURRENT
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage and rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION (Standard)
Rated Voltage
500
VDC
Test Voltage
60Hz, 10 seconds
500
Vpk
Resistance
10
GW
Capacitance
50
pF
Leakage Current
V
ISO = 240VAC, 60Hz
5
µArms
ISOLATION (–HV Option)
Rated Voltage
1000
VDC
Test Voltage
60Hz, 60 seconds
3000
Vpk
Resistance
10
G
Ω
Capacitance
50
pF
Leakage Current
V
ISO = 240V
AC
, 60Hz
5
15
µArms
OUTPUT
Rated Power
4.0
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±3
+7, -5
%
Temperature Coefficient
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
140
mVp-p
BW = 10Hz to 20MHz
10
mVrms
Voltage
No Load, V
OUT = + 5V
7
VDC
No Load, V
OUT = ±12V
±15
VDC
No Load, V
OUT = ±15V
±18
VDC
Line Regulation
1.0
%/%V
IN
Load Regulation
See Curves
GENERAL
Switching Frequency
170
kHz
Package Weight
16
g
MTTF per MIL-HDBK-217 Rev. E *
Circuit Stress Method
5,000,000
Hr
Efficiency
80
%
TEMPERATURE
Specification
0
+25
+70
°C
Operation
–25
+85
°C
Storage
–40
+100
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com