Electronic Components Datasheet Search
  English  ▼

X  

RM24150 Datasheet(PDF) 1 Page - C&D Technologies

Part # RM24150
Description  150 AMP MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM24150 Datasheet(HTML) 1 Page - C&D Technologies

  RM24150 Datasheet HTML 1Page - C&D Technologies RM24150 Datasheet HTML 2Page - C&D Technologies RM24150 Datasheet HTML 3Page - C&D Technologies RM24150 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A4RM24150 5/98 REV A
Page 1
FEATURES
•
SWITCHED MODE
•
>.99 PFC
•
> 85% EFFICIENCY
•
AUTOMATIC LOAD SHARING
•
HOT-SWAP CAPABLE
•
COMPACT SIZE
•
SHELF MOUNTED
•
TELECOM BULK POWER RATED
!
•
BELLCORE BASED DESIGN
•
SOFT STARTTURN-ON
!
•
INFINITE, FULL CURRENT SHORT CIRCUIT
CAPABLE
!
•
BUILT IN AC & DC DISCONNECTS
!
•
INTELLIGENT HIGH VOLTAGE SENSE
PROTECTION
•
BATTERY OR BATTERYLESS OPERATION
•
GUARANTEED NO SINGLE PART FAILURE CAN
LEADTO OUTPUT HIGH VOLTAGE
•
GUARANTEED SAFE OPERATIONTO 300VAC
!
•
FRONT PANEL METER
!
•
THD < 5%
DESCRIPTION
The RM24150 Modular Switch-Mode Rectifier is one of
C&D Technologies’ family of rectifiers that may be used
in modular power plants. This high power unit will function
in parallel with any rectifier with similar current sharing
capacities. This versatile and efficient rectifier is ideal
for use in advanced telecommunications applications. Its
small size allows the user to plan economically for system
expansion at minimum cost and makes it ideal for use in
fiber optic, microwave and other applications where space
is at a premium.
AGENCY APPROVALS
150 AMP
MODULAR SWITCHED MODE RECTIFIER
RM24150
Product Data Sheet
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - RM24150

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM24150 CANDD-RM24150 Datasheet
130Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
More results

Similar Description - RM24150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
C&D Technologies
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
7.5 AMP Modular Switch Mode Rectifier
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
RM4850 CANDD-RM4850 Datasheet
250Kb / 4P
50 AMP MODULAR SWITCHED MODE RECTIFIER
logo
Solid States Devices, I...
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
150 AMP 30 VOLTS SCHOTTKY RECTIFIER
SED150LB45 SSDI-SED150LB45 Datasheet
200Kb / 2P
150 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
International Rectifier
155CMQ015 IRF-155CMQ015 Datasheet
99Kb / 6P
SCHOTTKY RECTIFIER 150 Amp
logo
C&D Technologies
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
TPS_RM4875 CANDD-TPS_RM4875 Datasheet
118Kb / 4P
MODULAR SWITCH MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com