Electronic Components Datasheet Search
  English  ▼

X  

PM8903TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 12Page - STMicroelectronics PM8903TR Datasheet HTML 13Page - STMicroelectronics PM8903TR Datasheet HTML 14Page - STMicroelectronics PM8903TR Datasheet HTML 15Page - STMicroelectronics PM8903TR Datasheet HTML 16Page - STMicroelectronics PM8903TR Datasheet HTML 17Page - STMicroelectronics PM8903TR Datasheet HTML 18Page - STMicroelectronics PM8903TR Datasheet HTML 19Page - STMicroelectronics PM8903TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Device description
PM8903
16/34
Doc ID 022748 Rev 1
The protection is triggered when the voltage sensed on the FB pin rises over the OVP
threshold (0.72 V typ.) and the device acts as follows:
●
HS MOSFET is suddenly forced OFF
●
LS MOSFET is turned on (to discharge the output and protect the load) until VFB drops
to 0.3 V, then it is turned off (to avoid negative spikes on output voltage). If VFB
recrosses OVP rising threshold, LS is turned on again
This protection state is latched, cycle EN or VCC to recover.
5.3.2
Undervoltage protection
Undervoltage protection is active from the end of soft-start.
If VFB falls below the UVP threshold (0.48 V typ.), undervoltage protection is triggered and
the device starts a soft-off sequence (see
Section 5.2.2).
This protection state is latched, cycle EN, VCC or VIN to recover.
5.3.3
Feedback disconnection protection
In order to protect the load even if the FB pin is not connected to the PCB, a 100 nA current
is constantly sourced from the FB pin: if the FB pin is left floating, it is internally pulled high
triggering OVP protection and preventing VOUT from rising out of control.
Figure 10.
FB disconnection
5.3.4
Power Good (PGOOD)
PGOOD is an open drain output, left floating when VOUT is in regulation at the programmed
voltage, at the end of soft-start.
PGOOD is forced low, to communicate that the output voltage is no longer in regulation, if
one of the following conditions is verified:
●
The voltage of the FB pin exits from the PGOOD window (
±20% of V
REF)
●
The device is disabled, EN is forced low
●
VCC voltage is below the UVLO threshold
●
Any protection is triggered (OVP, UVP, OCP, OTP)
FB
ROS
RFB
VOUT
720mV
OVP
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com