Electronic Components Datasheet Search
  English  ▼

X  

6005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6005
Description  222 (exploded isometric)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.10
L
H
2.00
2.61
W
3D model options:
a) Zoom in & out with center wheel.
b) Pause at any moment to view and or print views.
c) Change the views to ortho and section views if needed from the Views pull down menu.
d) Explore options included in the tool bar like: Views, Transparency of model, Lighting type, etc.
-Click on image to show toolbar. Use
to Play/Pause Animation.
-Left click and drag on image to move 3D model.
http://www.serpac.com/Products/Accessories/CircuitBoard/drawings/CB_12X.pdf
2) Top Circuit Board drawings can be download at:
222
Ph. (626) 331-0517 Fx. (626) 331-8584 serpac.com
619 Commercial Ave. Covina, CA 91723
4/12/10
(1 of 2)
ALL DIMENSIONS ARE ± .010"
3) All components are RoHS Compliant.
Notes:
(Enclosure weight 0.18 lb / 85 gm)
1) Enclosure meets or exceeds IP40 and NEMA 1
(exploded isometric)
PART
NO.
DESCRIPTION (Included)
ACCSESSORIES (Optional)
2-2
TOP
PART
NO.
DESCRIPTION
22
BOTTOM
319
Prototype grid board
1025
Battery Cover
419
Prototype clad board
6005
#4X3/8” Self tapping (2)


Similar Part No. - 6005

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
logo
List of Unclassifed Man...
6005 ETC2-6005 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6005 ETC2-6005 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6005 3M-6005 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
6005 HEYCO-6005 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
More results

Similar Description - 6005

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427LBC HAMMOND-1427LBC Datasheet
107Kb / 1P
EXPLODED HANDLE ASSEMBLY
logo
List of Unclassifed Man...
721-80007 ETC2-721-80007 Datasheet
910Kb / 7P
Motor/Propelller Assy Exploded
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
Isometric drawing Not to Scale
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
logo
List of Unclassifed Man...
220-P02-100 ETC2-220-P02-100 Datasheet
701Kb / 1P
FOR 221, 222, 223 SERIES CONNECTOR
logo
National Instruments Co...
PAT10016 NI-PAT10016_15 Datasheet
799Kb / 3P
222竊?RMS 1600 竊턮lts
logo
Mill-Max Mfg. Corp.
210-43-316-41-001000 MILL-MAX-210-43-316-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-47-624-41-001000 MILL-MAX-210-47-624-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-93-324-41-001000 MILL-MAX-210-93-324-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
logo
ON Semiconductor
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com