Electronic Components Datasheet Search
  English  ▼

X  

335K100RA4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 335K100RA4
Description  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

335K100RA4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  335K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE 4 • Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
100 VDC / 80 VAC
PF
Code
Value
µF
L
MAX
T
MAX
H
MAX
S
±.02 (.5)
d
Max dv/dt
(V/µs)
Case
Part
Number
224
.22
.350 (8.9)
.155 (3.9)
.280 (7.1)
.295 (7.5)
.025 (.6)
75
RA3
224K100RA3 _ _
474
.47
.350 (8.9)
.180 (4.6)
.305 (7.7)
.295 (7.5)
.025 (.6)
65
RA3
474K100RA3 _ _
105
1.0
.450 (11.4)
.175 (4.4)
.285 (7.2)
.394 (10)
.025 (.6)
35
RA4
105K100RA4 _ _
225
2.2
.350 (8.9)
.250 (6.3)
.350 (8.9)
.295 (7.5)
.025 (.6)
25
RA3
225K100RA3 _ _
225
2.2
.450 (11.4)
.205 (5.2)
.285 (7.2)
.394 (10)
.025 (.6)
25
RA4
225K100RA4 _ _
335
3.3
.450 (11.4)
.250 (6.3)
.350 (8.9)
.394 (10)
.025 (.6)
25
RA4
335K100RA4 _ _
405
4.0
.450 (11.4)
.200 (5.1)
.380 (9.7)
.394 (10)
.032 (.8)
20
RA4
405K100RA4 _ _
505
5.0
.450 (11.4)
.220 (5.6)
.480 (12.2)
.394 (10)
.032 (.8)
20
RA4
505K100RA4 _ _
106
10.0
.650 (16.5)
.260 (6.6)
.460 (11.7)
.591 (15)
.032 (.8)
13
RA6
106K100RA6 _ _
250 VDC / 160 VAC
PF
Code
Value
µF
L
MAX
T
MAX
H
MAX
S
±.02 (.5)
d
Max dv/dt
(V/µs)
Case
Part
Number
104
.1
.450 (11.4)
.160 (4.1)
.255 (6.5)
.394 (10)
.025 (.6)
100
RA4
104K250RA4 _ _
224
.22
.450 (11.4)
.190 (4.8)
.305 (7.7)
.394 (10)
.025 (.6)
75
RA4
224K250RA4 _ _
334
.33
.450 (11.4)
.250 (6.3)
.330 (8.4)
.394 (10)
.025 (.6)
75
RA4
334K250RA4 _ _
474
.47
.450 (11.4)
.210 (5.3)
.305 (7.7)
.394 (10)
.025 (.6)
55
RA4
474K250RA4 _ _
474
.47
.650 (16.5)
.230 (5.8)
.340 (8.6)
.591 (15)
.032 (.8)
50
RA6
474K250RA6 _ _
105
1.0
.650 (16.5)
.240 (6.1)
.340 (8.6)
.591 (15)
.032 (.8)
35
RA6
105K250RA6 _ _
Tolerance: K (±10%) standard, J (±5%) available
RoHS part number information:
No suffix indicates RoHS-5 compliant standard part number. RoHS-5 product does not contain five of the RoHS banned materials (Hg, CrVI,
Cd, PBB and PBDE) in levels exceeding the industry defined limits. Component lead wires are plated with Sn / Pb and match conventional
SnPb board assembly requirements.
For a RoHS-6 compliant part, add a –FA suffix. RoHS-6 product does not contain any of the six RoHS banned materials (Hg, CrVI, Cd, PBB,
PBDE and Pb) in levels exceeding the industry defined limits. Component lead wires are plated with Sn.
474
• Efficient size
• Rugged construction
• Does not fail short – Self healing
• Low ESR/ESL
• No entrapped moisture or air in self-encased
design
• No dissimilar metals to chemically degrade or
attract moisture
• High dv/dt
• Wave solderable
• Operating temperature range: –55°C to +125°C
• Made in U.S.A.
RA
Capacitor Type
NEW
RATINGS
Electrical
Schematic
Non-polarized
Dimensions in inches, metric (mm) in parenthesis.


Similar Part No. - 335K100RA4

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
335K100RA4-FA CDE-335K100RA4-FA Datasheet
220Kb / 4P
Radial PET Film Capacitors
More results

Similar Description - 335K100RA4

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
Optical Self-Healing Switch
logo
Cooper Bussmann, Inc.
UP0.4C-1R0-R COOPER-UP0.4C-1R0-R Datasheet
72Kb / 2P
Miniature size and rugged construction
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
Self-healing property
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
Self-Healing
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
Rugged construction
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
Self-healing properties
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com