Electronic Components Datasheet Search
  English  ▼

X  

405K100RA4 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 405K100RA4
Description  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

405K100RA4 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  405K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3.3 mF 100 VDC RA4
10.0 mF 100 VDC RA6
5.0 mF 100 VDC RA4
1.0 mF 250 VDC RA6
4.0 mF 100 VDC RA4
.47 mF 400 VDC RA6
Typical Performance Curves
Selected High Value “Power” Capacitors
0.001
0.01
0.10
1.00
10.00
100.00
1000.00
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
0.001
0.01
0.10
1.00
10.00
Maximum RMS Voltage & Current vs Frequency
105K250RA6 (1.0 F RA6 MLP)
Vrms
Irms
Maximum RMS Voltage & Current vs Frequency
405K100RA4 (4.0 F RA4 MLP)
0.001
0.01
0.10
1.00
10.00
100.00
0.01
0.10
1.00
10.00
100.00
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
Vrms
Irms
0.001
Maximum RMS Voltage & Current vs Frequency
474K400RA6 (0.47 F RA6 MLP)
0.001
0.01
0.10
1.00
10.00
100.00
1000.00
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
0.001
0.01
0.10
1.00
10.00
Vrms
Irms
0.001
0.01
0.10
1.00
10.00
100.00
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
0.001
0.01
0.10
1.00
10.00
Maximum RMS Voltage & Current vs Frequency
106K100RA6 (10.0 F RA6 MLP)
Vrms
Irms
Maximum RMS Voltage & Current vs Frequency
335K100RA4 (3.3 F RA4 MLP)
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
0.001
0.01
0.10
1.00
10.00
Vrms
Irms
0.001
0.01
0.10
1.00
10.00
100.00
Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com •
PAGE 9
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
Maximum RMS Voltage & Current vs Frequency
505K100RA4 (5.0 F RA4 MLP)
1,000,000
10,000
100,000
1,000
100
10,000,000
Frequency
0.001
0.01
0.10
1.00
10.00
Vrms
Irms
0.001
0.01
0.10
1.00
10.00
100.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com