Electronic Components Datasheet Search
  English  ▼

X  

SX500 Datasheet(PDF) 4 Page - C&D Technologies

Part # SX500
Description  500 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SX500 Datasheet(HTML) 4 Page - C&D Technologies

  SX500 Datasheet HTML 1Page - C&D Technologies SX500 Datasheet HTML 2Page - C&D Technologies SX500 Datasheet HTML 3Page - C&D Technologies SX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SX500 10/98 REV B
Page 4
Standard Options are shown, consult factory for other available options.
Mechanical
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to
change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize
or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
NOTES:
All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.30”.
COOLING: The SX500 is designed to operate with 30 CFM airflow.
SHOCK AND VIBRATION: The SX500 family meets the requirements of MIL STD-810D. (Vibration-Method 514.3 Procedure 1. Shock-Method 516.3 Procedure 1.)
WEIGHT: Approximately 4 lbs.
8.500
4.850
10.00
3.900
0.550
0.700
6-32 THD
(4x)
0.040
COVER
1.300
2.148
J9
PIN 1
TB2
PIN 1
3.190
0.620
J9 Connector
Molex No. 22-28-1093
PIN
FUNCTION
1
- Sense
2
+ Sense
3
Current Share
4
Remote Inhibit
5Power Fail
6
DC OK
7
Sync
8
Signal Ground
9N/C
Pin Specifications
Connector Specifications
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
Ground
1
+V
2
AC Neutral
2
+V
3
AC Line
3
-V
4-V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com