Electronic Components Datasheet Search
  English  ▼

X  

TXD2000 Datasheet(PDF) 1 Page - C&D Technologies

Part # TXD2000
Description  2000 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TXD2000 Datasheet(HTML) 1 Page - C&D Technologies

  TXD2000 Datasheet HTML 1Page - C&D Technologies TXD2000 Datasheet HTML 2Page - C&D Technologies TXD2000 Datasheet HTML 3Page - C&D Technologies TXD2000 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TXD2000 2/2000 REV A
Page 1
FEATURES
!
!
!
!
! Wide Range Input of 90-264VAC, 1000Watts,
High Range Input of 180-264VAC, 2000 Watts,
!
!
!
!
! Harmonic Correction to EN61000-3-2
!
!
!
!
! Active Current Sharing
!
!
!
!
! No Load Operation
!
!
!
!
! Optional ORing Diode
!
!
!
!
! 70-80% Efficiencies
!
!
!
!
! FCC / CISPR 22 Class A EMI Filtering
!
!
!
!
! Self-Cooled 5”x 8”x 12” Chassis
!
!
!
!
! EN61000-4 Immunity
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
TXD2000
2000 WATT
AC/DC POWER SUPPLY
Product Data Sheet
DESCRIPTION
The TXD2000 Series is a flexible, modular, 2000 Watt
design offering two high current outputs in a 5 x 8 x 12
package. Output voltages from 2.5 VDC through 48
VDC are standard. With Power Factor Correction, EMI
compliance to FCC and CISPR22, CE Mark and
immunity to EN61000-4, the TXD2000 Series is ready
for global deployment. Standard features include
Remote Sense Compensation, Output Voltage
Adjustment, Active Current Sharing, Remote Inhibit,
Power Fail Warning, DC OK Signal and Thermal
Shutdown. An optional ORing diode is offered on
models with an output voltage of 12 VDC or above.


Similar Part No. - TXD2000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
AC/DC POWER SUPPLY
More results

Similar Description - TXD2000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
300 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
TX1000 CANDD-TX1000 Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
logo
Artesyn Technologies
LPS363-M ARTESYN-LPS363-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
1000 Watt AC/DC Power Supply
DAC10-20FWX ETA-USA-DAC10-20FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com