Electronic Components Datasheet Search
  English  ▼

X  

1659 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1659
Description  Space saving design for high density packaging
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1659 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1659 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
MICRO JACKS
98
• Space saving design for high
density packaging
• Beryllium Copper multi-spring
contact maintains retention after
multiple insertions
• Ideal for mounting transistors, re-
sistors, diodes, IC’s and similar
miniature components
• Custom micro jacks manufactured
to your specifications
• Other platings available
upon request
.016 [0.41]
.083 [2.11]
.055 [1.40]
L
3-FINGER CLOSED
ENTRY CONTACT
.038 [0.96]
.038
[0.96]
HEX.
.020 [0.50]
.130 [3.3]
.095 [2.4]
L
.072 [1.9]
.045 [1.14]
4-FINGER CLOSED
ENTRY CONTACT
.056 [1.42]
.049 [1.24]
.041 [1.04]
.063 [1.60]
4-FINGER CLOSED
ENTRY CONTACT
.205
[5.2]
.089 [2.23]
.248
[6.3]
4-FINGER CLOSED
ENTRY CONTACT
.120 [3.1]
.259 [6.6]
.233 [5.9]
.060 [1.52] DIA.
.014 [0.4]
.077 [2.0] DIA.
.015 (.38 ) - .021 (.53) PIN - SOLDER MOUNT
.015 (.38) - .021 (.53) PIN - PRESS FIT
.015 (.38) - .025 (.64) PIN - TAPER-FIT
.022 (.56 ) - .032 (.81) PIN - SOLDER MOUNT
.015 (.38) - .025 (.64) PIN - SOLDER MOUNT
.015 (.38) - .025 (.64) PIN - SOLDER MOUNT
.022 (.56) - .034 (.86) PIN - PRESS FIT
.025 (.64) - .037 (.94) PIN - PRESS FIT
.025 (.64) - .037 (.94) PIN - SOLDER MOUNT
.055 [1.39]
.072 [1.83]
.016 [0.41]
4-FINGER CLOSED
ENTRY CONTACT
.093 [2.36]
.142 [3.6]
.161 [4.1]
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
L
Hole
CAT. NO.
CAT. NO. CAT. NO. Length
Dia.
1411-1
1431-1 1420-1 .140 (3.6)
.042
1411-2
1431-2 1420-2 .170 (4.3) (1.07)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
L
Hole
CAT. NO. CAT. NO. CAT. NO. Length
Dia.
1412-1
1432-1 1468-1 .140 (3.6)
.040
1412-2
1432-2 1468-2 .170 (4.3)
(1.02)
1412-3
1432-3 1468-3 .282 (7.2)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
L
Hole
CAT. NO.
CAT. NO. CAT. NO. Length
Dia.
1415-1
1435-1 1469-1 .160 (4.1)
.055
1415-2
1435-2 1469-2 .190 (4.8) (1.40)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1693
1694
1695
.063 (1.60)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1413
1433
1470
.059 (1.50)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1603
1606
1607
.052 (1.32)
.061 [1.55]
.015 [0.38]
.028 [0.71]
.091 [2.3]
.086 [2.2]
.170
[4.3]
.200
[5.1]
.070 [1.78]
KNURL
6-FINGER CLOSED
ENTRY CONTACT
6-FINGER CLOSED
ENTRY CONTACT
.057 [1.45]
.077 [1.96]
.083 [2.11]
.025 [0.7]
L
.025 (.64) - .037 (.94) PIN - SOLDER MOUNT
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1416
1436
1471
.067 (1.70)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
L
Hole
CAT. NO. CAT. NO. CAT. NO. Length
Dia.
1626-1
1614-1 1619-1 .095 (2.4)
.062
1626-2
1614-2 1619-2 .105 (2.7)
(1.57)
1626-3
1614-3 1619-3 .155 (3.9)
.045 [1.14]
.062 [1.57]
.090 [2.29]
6-FINGER CLOSED
ENTRY CONTACT
.080 [2.03]
.083 [2.11]
.022 (.56) - .034 (.86) PIN - SOLDER MOUNT
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1658
1659
1673
.065 (1.65)
.128
[3.3] .168
[4.3]
.040 [1.02]
.092 [2.34]
.065 [1.65]
L
.200
[5.1]
.230
[5.9]
4-FINGER CLOSED
ENTRY CONTACT
.125 [3.2]
.032 (.81) - .046 (1.17) PIN - SWAGE MOUNT
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
3590
3591
3592
.065 (1.65)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
Hole
CAT. NO. CAT. NO. CAT. NO.
Dia.
1697
1698
1699
.063 (1.60)
RoHS
NON-RoHS
Mtg.
GOLD/GOLD TIN/TIN TIN/GOLD
L
Hole
CAT. NO.
CAT. NO. CAT. NO. Length
Dia.
1419-1
1439-1 1478-1 .062 (1.6)
.069
1419-2
1439-2 1478-2 .094 (2.4) (1.75)
PLATING OPTIONS
CONTACT
PLATING
BODY
SPRING
RoHS
Gold/Gold
Gold
Gold
Compliant
Tin/Tin
Tin/Lead
Tin/Lead
Non-Compliant
Tin/Gold
Tin/Lead
Gold
SPECIFICATIONS
Body: Brass, ASTM-B16
Spring: Beryllium Copper
(QQ-C-533)
.057 [1.45] HEX
.057 [1.45]
DIA.
.200 [5.1]
.020 [0.52]
.078 [1.98] DIA.
6-FINGER CLOSED
ENTRY CONTACT
.165 [4.2]
.078 [1.98]
.040 [1.02]
.090 [2.29]
.040 [1.02]
.062 [1.57]
.210 [5.3]
.187 [4.7]
.180 [4.6]
6-FINGER CLOSED
ENTRY CONTACT
RoHS
Plating:
Gold: .000010 per MIL-G-45204
(RoHS Compliant)
Tin/Lead: .000200 to .000300
per MIL-T-10727, Type 1
(Non-RoHS Compliant)
.038 [0.96]
3-FINGER CLOSED
ENTRY CONTACT
L
.055 [1.40]
.083 [2.11]
.016 [0.41]
RoHS
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section6FREV1A1-COLOR 4/4/13 5:29PM Page98


Similar Part No. - 1659

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1659 SCHURTER-1659 Datasheet
272Kb / 4P
IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1659 SCHURTER-1659 Datasheet
278Kb / 3P
IEC Connector C21, for very hot conditions 155, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
287Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
288Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
logo
IET Labs Inc.
1659 IET-1659 Datasheet
93Kb / 2P
Digibridges
More results

Similar Description - 1659

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060_V1 DIODES-ZXRE060_V1 Datasheet
267Kb / 2P
Space saving packaging for ZXRE060 0.6V shunt regulator
MARCH 2011
logo
CTS Corporation
752161102G CTS-752161102G Datasheet
233Kb / 4P
High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
High Density Packaging
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
space-saving
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
Exclusive for headlight angle detection with high accuracy and space-saving design
RS08U ALPS-RS08U Datasheet
843Kb / 3P
High precision space saving design helps smaller and lighter set
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
TE Connectivity Ltd
20EHT1 TEC-20EHT1 Datasheet
308Kb / 2P
Low profile design allows for a space-saving design solution
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
WALSIN TECHNOLOGY CORPO...
FT21B105M160CT WALSIN-FT21B105M160CT Datasheet
2Mb / 8P
High density mounting due to mounting space saving
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com