Electronic Components Datasheet Search
  English  ▼

X  

IRMCF143 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCF143
Description  High Performance Position Servo Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF143 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCF143 Datasheet HTML 4Page - International Rectifier IRMCF143 Datasheet HTML 5Page - International Rectifier IRMCF143 Datasheet HTML 6Page - International Rectifier IRMCF143 Datasheet HTML 7Page - International Rectifier IRMCF143 Datasheet HTML 8Page - International Rectifier IRMCF143 Datasheet HTML 9Page - International Rectifier IRMCF143 Datasheet HTML 10Page - International Rectifier IRMCF143 Datasheet HTML 11Page - International Rectifier IRMCF143 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IRMCF143S
1
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
8051 microcontroller
•
Two 16 bit timer/counters
•
One 16 bit periodic timer
•
One 16 bit watchdog timer
•
One 16 bit capture timer
•
Up to 24 discrete digital I/Os
•
8-channel 12 bit A/D (0 – 1.2V input)
o
Three buffered channels, two use
for current sensing
o
Five unbuffered channels
•
JTAG port (4 pins)
•
Up to three channels of analog output (8 bit
PWM)
•
UART
•
I
2C/SPI port
•
64K byte Flash memory
•
2K byte data RAM
4
Application connection and Pin function
P1.2/TXD
P1.1/RXD
P1.3/SYNC
XTAL0
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GATEKILL
VBUS, AIN1/2/3/4
Host Microcontroller
(UART)
Digital I/O
Control
System
Clock
4MHz
Crystal
P2.6/AOPWM0
Analog Output
XTAL1
P1.5
P3.0/CS1
RESET
TDI
JTAG Control
(Flash
programming
& Emulation)
TCLK
TSM
TDO
0.6V
IFBU+
IFBU-
IFBUO
(0-1.2V)
AVDD
1.8V
AVSS
VDD1
3.3V
VSS
CMEXT
BRAKE
IFBV+
IFBV-
IFBVO
OP1+
OP1-
OP1O
Optional External
Voltage Reference
(0.6V)
P2.7/AOPWM1
SCL
SDA
Other Communication
(I
2C)
Frequency
Synthesizer
UART
I
2C/SPI
PORT1
PORT2
RESET
PWM0
PWM1
JTAG
Interface
Low Loss
Space
Vector
PWM
Break
S/H
S/H
8051
CPU
Dual
Port
Memory
&
MCE
Memory
(6kB)
Motion
Control
Modules
Motion
Control
Sequencer
12bit
A/D
&
MUX
System
clock
Local
RAM
2kByte
Program
RAM
(32kByte)
System
Reset
Watchdog
Timer
Timers
IRMCF143S
AREF
PWM2
P3.1/AOPWM2
PORT3
P1.0/PULIN//T2/MT1
P2.2/CAP
P2.0/PULDIR/NMI
P2.3/QINDEX
P2.5/INT2
P3.2/INT0
5
3.3V
Encoder
1.8V
Voltage
Regulator
VDDCAP
3.3V
Encoder
Temperature
feedback
P3.6
P3.7
P2.1
Motor
HVIC
Gate Drive
IRS2630D
0.6V
Encoder
Interface
BRAKEGK
Figure 4. IRMCF143S Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com