Electronic Components Datasheet Search
  English  ▼

X  

IRS2980S Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2980S
Description  High-Voltage Buck Control ICs for Constant LED Current Regulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2980S Datasheet(HTML) 2 Page - International Rectifier

  IRS2980S Datasheet HTML 1Page - International Rectifier IRS2980S Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High-Voltage Buck Control ICs for Constant LED Current Regulation
IRPLLED7DemoBoard
PartNumber
Package
Voltage
LoadCurrent
Regulation
Startup
Current
Frequency
IRS2980S
SO-8
450V
+/-5%
<250 µA
<150 kHz
IRS25401S
SO-8
200V
+/-5%
<500 µA
<500 kHz
IRS25411S
SO-8
600V
+/-5%
<500 µA
<500 kHz
310
320
330
340
350
360
370
380
390
Input Voltage
LED Current (mA)
Specifications
•InputVoltage70Vto250V(AC)
•OutputVoltage0Vto50V(DC)
•RegulatedOutputCurrent:350mA
•PowerFactor>0.9
•Lowcomponentcount
•Dimmable0to100%
•Non-isolatedBuckregulator
LEDrivIR™
IRS2980
EMI Filter
Line
Rectifier
IC and Switches
LEDs
IC
LEDCurrentvsInputVoltage
FormoreinformationinNorthAmericacall+13102527105,inEuropecall+496102884311,orvisitusatwww.irf.com
11349A_FS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com