Electronic Components Datasheet Search
  English  ▼

X  

LSO2805D Datasheet(PDF) 18 Page - International Rectifier

Part # LSO2805D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2805D Datasheet(HTML) 18 Page - International Rectifier

Back Button LSO2805D Datasheet HTML 10Page - International Rectifier LSO2805D Datasheet HTML 11Page - International Rectifier LSO2805D Datasheet HTML 12Page - International Rectifier LSO2805D Datasheet HTML 13Page - International Rectifier LSO2805D Datasheet HTML 14Page - International Rectifier LSO2805D Datasheet HTML 15Page - International Rectifier LSO2805D Datasheet HTML 16Page - International Rectifier LSO2805D Datasheet HTML 17Page - International Rectifier LSO2805D Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
www.irf.com
LSO SERIES
28V Input, Single/Dual Output
Part Numbering
Notes:
c Best commercial practice
05 S
Model
Input Voltage
Nominal
28 = 28V
LSO
Screening Level
(Please refer to Screening Table)
No Suffix, EM
28
Output Voltage
01R5 = 1.5V, 01R8 = 1.8V,
02R5 = 2.5V, 03R3 = 3.3V,
05 = 5V, 12 = 12V, 15 = 15V
/EM
Output
S = Single
D = Dual
WORLD HEADQUARTERS: 101 N, Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
IR SAN JOSE: 2520 Junction Avenue, San Jose, California 95134, USA Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/2013
Device Screening
Requirement
MIL-STD-883 Method
No Suffix (Flight Model) EM (Engineering Model)
Temperature Range
-55°C to +85°C
-55°C to +85°C
Element Evaluation
MIL-PRF-38534
Class K
N/ A
Non-Destruction Bond Pull
2023
YES
N/ A
Internal Visual
2017
YES
c
Temperature Cycle
1010
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
3000 Gs
3000 Gs
PIND
2020
Cond A
N/ A
320 hrs @ 125°C
48 hrs @ 125°C
(2 x 160 hrs)
Final Electrical (Group A)
MIL-PRF-38534 & Specification
-55°C, +25°C,+ 85°C
-55°C, +25°C, +85°C
PDA
MIL-PRF-38534
2%
N/ A
Seal, Fine and Gross
1014
Cond A, C
Cond A
Radiographic
2012
Yes
N/ A
External Visual
2009
Yes
c
Burn-In
1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com