Electronic Components Datasheet Search
  English  ▼

X  

LS2801R5DCMA Datasheet(PDF) 8 Page - International Rectifier

Part # LS2801R5DCMA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2801R5DCMA Datasheet(HTML) 8 Page - International Rectifier

Back Button LS2801R5DCMA Datasheet HTML 4Page - International Rectifier LS2801R5DCMA Datasheet HTML 5Page - International Rectifier LS2801R5DCMA Datasheet HTML 6Page - International Rectifier LS2801R5DCMA Datasheet HTML 7Page - International Rectifier LS2801R5DCMA Datasheet HTML 8Page - International Rectifier LS2801R5DCMA Datasheet HTML 9Page - International Rectifier LS2801R5DCMA Datasheet HTML 10Page - International Rectifier LS2801R5DCMA Datasheet HTML 11Page - International Rectifier LS2801R5DCMA Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.irf.com
LS-SERIES
(28V Input, Single/Dual Output)
Table 2: Dual Output Voltage Ranges and Constants
Note:
(1). Also the minimum and maximum adjustment limits of the output voltage.
Placement of Radj
An external resistor must be added in order to trim the output voltage of an LS converter. The placement
of an Radj resistor (Rdown or Rup) must be as shown in Figure 1 for single output models and as per
Figure 2 for dual output models. Please note that the connections are made to the specific pins. Rup is
placed across Out Return and Out Adj pins for output voltage greater than nominal output. Similar
connections apply for the dual output models.
Model
Voltage Range of Each Output
(±Vout) (1)
AB
C
D
±5.000 to ±5.500
196.91
17.12
1.71
17.12
±4.500 to ±5.000
160.74
31.11
1.40
13.97
±12.000 to ±13.200
475.43
17.05
1.71
40.92
±10.800 to ±12.000
388.10
58.04
1.39
33.41
±15.000 to ±16.500
594.31
17.03
1.70
51.09
±13.500 to ±15.000
485.10
69.47
1.39
41.70
LS2805D
LS2812D
LS2815D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com