Electronic Components Datasheet Search
  English  ▼

X  

WPA60 Datasheet(PDF) 1 Page - C&D Technologies

Part # WPA60
Description  60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPA60 Datasheet(HTML) 1 Page - C&D Technologies

  WPA60 Datasheet HTML 1Page - C&D Technologies WPA60 Datasheet HTML 2Page - C&D Technologies WPA60 Datasheet HTML 3Page - C&D Technologies WPA60 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WPA60 REV A 5/2003
60 Watt Dual Output Quarter Brick DC/DC Converter
WP
WP
WP
WP
WPA60 Series
A60 Series
A60 Series
A60 Series
A60 Series
2.3” x 1.45” x 0.40”
(58.42mm x 36.83mm x 10.16mm)
Dual Outputs - Output 1/Output 2 Vdc:
1.0/1.5 1.2/1.8;1.5/2.2; 1.8/2.5;
1.2/3.3; 1.8/3.3; 2.5/3.3; 1.5/5.0;
3.3/5.0
Independently Regulated Outputs
36V - 75V Input Range
Industry Standard Pinouts
Input & Output Filtering
Remote On/Off Function
Meets Operational Insulation
Requirements of EN60950
UL/CUL 60950, VDE EN60950
Approved
Fixed Frequency Operation
No Minimum Load Requirements
Hiccup Mode Current Limiting
Self-resetting Over Voltage Protection
C&D Technologies, Power Electronics
Division is ISO9001:2000 Certified
Corporate: www.cdtechno.com
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
The WPA60 Series are high performance
DC/DC converters providing two
independent regulated outputs. For
maximum flexibility, power can be
traded between outputs as required. The
unit delivers high performance across all
line and load conditions.
The WPA60 Series are assembled by a
fully automated process using surface
mount components for increased
reliability.
WPA DC-DC converter modules are
certified to UL/CUL 60950, and VDE to
EN60950. It meets CISPR22/EN55022/
FCC15J Class B specs for EMI levels
with external filtering.
Other features include:
Full Regulation Down to Zero Load
Undervoltage Lock-Out
Auto-Start
Internal Temperature Shutdown
Auto-Reset
Soft Start
Remote On/Off (Available in
Positive or Negative Logic)
Over Current Protection
Overvoltage Protection
Output Voltage Adjust on Both
Outputs
NOMINAL
INPUT
OUTPUT CURRENT
TYPICAL
VOLTAGE
OUTPUT
OUTPUT
MIN
MAX
EFFICIENCY
MODEL
(VDC)
#1
#2
LOAD(A)
LOAD (A)
(%)
WPA60R48D1510*
48
1.0
1.5
0.0
12.0
82
WPA60R48D1812*
48
1.2
1.8
0.0
12.0
82
WPA60R48D2215*
48
1.5
2.2
0.0
12.0
86
WPA60R48D2518*
48
1.8
2.5
0.0
12.0
86
WPA60R48D3312*
48
1.2
3.3
0.0
12.0
89
WPA60R48D3318*
48
1.8
3.3
0.0
12.0
89
WPA60R48D3325*
48
2.5
3.3
0.0
12.0
89
WPA60R48D0515*
48
1.5
5.0
0.0
12.0
89
WPA60R48D0533*
48
3.3
5.0
0.0
12.0
89
Input current at nominal input line = 1.45A (Output Power = 60W)
*Models available with -1 option (positive logic)
1
Total output power not to exceed 60 Watts
PRODUCT SELECTION CHART 1


Similar Part No. - WPA60

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPA60R48D0515C MURATA-PS-WPA60R48D0515C Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48D0533C MURATA-PS-WPA60R48D0533C Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48D1510C MURATA-PS-WPA60R48D1510C Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48D1812C MURATA-PS-WPA60R48D1812C Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48D2215C MURATA-PS-WPA60R48D2215C Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
More results

Similar Description - WPA60

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
75 Watt Dual Output Quarter Brick DC/DC Converter
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
60 Watt Dual Output Quarter Brick DC/DC Converter
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
200 Watt Quarter Brick DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com