Electronic Components Datasheet Search
  English  ▼

X  

4680 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4680
Description  TRANSISTOR MICA INSULATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4680 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4680 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31-07 20th Road • Astoria, New York 11105-2017 • (718) 956-8900 • FAX (718) 956-9040
e-mail: kec@keyelco.com • WebSite: keyelco.com
TRANSISTOR MICA INSULATORS
91
yelc
o.com
INSULATORS FOR VARIOUS TO-3 CASES
These precision stamped mica insulators provide good thermal
conductivity (.009 watts per square inch per degree celsius per inch in
thickness). Excellent thermal resistance 1100°F. Dielectric constant of 7
at 1000 Kilohertz.
ORDERING INFORMATION: Minimum quantity 100 pieces of an item.
MATERIAL SPECIFICATIONS: .003 thick mica is used for all the
insulators on this page. Tolerance for thickness is plus or minus .001.
Modifications: Special thickness and other materials available on special
order. Prompt quotations will be rendered.
• RAPID HEAT DISSIPATION • HIGH DIELECTRIC STRENGTH • NON-TOXIC • LOW COST • FROM STOCK
INSULATORS FOR VARIOUS TO-66 CASES
PLASTIC CASE MICA INSULATORS
CAT.NO.
A
B
C
D
4651
1.625
1.093
.093
.166
4652
1.560
1.050
.203
.171
4653
1.655
1.063
.166
.166
4636
1.655
1.063
.052
.166
4644
1.655
1.063
.270
.166
CAT. NO. 4662
CAT. NO. 4661
CAT. NO. 4667
CAT. NO. 4674
CAT. NO. 4658
CAT. NO. 4660
CAT. NO. 4664
CAT. NO. 4665
CAT. NO. 4666
CAT. NO. 4663
CAT. NO. 4671
CAT. NO. 4672
.141
CAT. NO. 4673
.115
CAT. NO. 4669
CAT. NO. 4668
CAT. NO. 4640
CAT. NO. 4637
.003 THICK MICA
.003 THICK MICA
CAT.
ID
OD
For Screw
NO.
Inside Dia. Outside Dia.
Size
4678
.120
.375
4
4679
.140
.375
6
4680
.171
.500
8
4681
.187
.625
10
4682
.265
.750
1/4
4683
.328
.875
5/16
.003 THICK MICA
FOR TO-36 CASES
FOR TO-3 CASES
.003 THICK MICA
CAT.NO.
A
B
C
D
4655
1.125
.130
.187
.203
4656
1.250
.140
.156
.203
CAT.NO.
A
B
C
D
4657
1.062
.187
.187
.187
4659
1.187
.187
.187
.250
FOR TRANSISTOR CASES
THREADED STUD


Similar Part No. - 4680

ManufacturerPart #DatasheetDescription
logo
ITT Industries
468001000 ITT-468001000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
468002263 ITT-468002263 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
468003000 ITT-468003000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 4680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IEC-TO-220V-18 ETC1-IEC-TO-220V-18 Datasheet
30Kb / 1P
TEANSISTOR INSULATORS
logo
Sharma Electro Componen...
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
MICA CAPACITORS
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
MICA CAPACITORS
logo
List of Unclassifed Man...
IEC-TO-218 ETC2-IEC-TO-218 Datasheet
31Kb / 1P
TRANSISTOR INSULATORS
logo
Richco, Inc.
MNI-6-2 RICHCO-MNI-6-2 Datasheet
76Kb / 1P
MOLDED NYLON INSULATORS
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
Mica Capacitors
logo
Soshin electric Co., Lt...
DM10C151J5 SOSHIN-DM10C151J5 Datasheet
321Kb / 12P
Capacitor Mica
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com