Electronic Components Datasheet Search
  English  ▼

X  

44290 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 44290
Description  Wiha Quality Tools
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

44290 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  44290 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
246
Blue Cassette Stripping Tool Kit
#442 27
mm
Inch
Strip Range
Strip Dim.
lbs.
Pkg.
90
3.54
1.87-7.6mm
6.8mm
.09
1
0.10”-0.30”
0.27”
Blue Cassette Hand-Stripping Tool Kit
Accurate & versatile coaxial hand-stripping tool, designed to provide
2 strip steps on chosen cable. Enclosed V-blocks make stripper useful
for cables in range of 2.5-7.6mm. Universal tool body accepts all
cassettes. High quality steel blade cassettes with razor sharp edges
for long, effective use.
442 27
Cables: RG
58/59/62/174/180/188/
195/316/6/ Belden 8281
2 Step Red Cassette Stripping Tool Kit
#442 22
mm
Inch
Strip Range
Strip Dim.
lbs.
Pkg.
90
3.54
1.87-7.6mm
6.0mm
.09
1
0.10”-0.30”
0.24”
2 Step Red Cassette Hand-Stripping Tool Kit
Accurate & versatile coaxial hand-stripping tool, designed to provide
2 strip steps on chosen cable. Enclosed V-blocks make stripper useful
for cables in range of 6.0mm/.24”. Universal tool body accepts all
cassettes. High quality steel blade cassettes with razor sharp edges
for long, effective use.
442 22
Cables: RG
58/59/62/174/180/188/
195/316/6/ Belden 8281
2 Step Yellow Cassette Stripping Tool Kit
#442 24
mm
Inch
Strip Range
Strip Dim.
lbs.
Pkg.
90
3.54
1.87-7.6mm
12.0mm
.09
1
0.10”-0.30”
0.47”
2 Step Yellow Cassette Hand-Stripping Tool Kit
Accurate & versatile coaxial hand-stripping tool, designed to provide
2 strip steps on chosen cable. Enclosed V-blocks make stripper useful
for cables in range of 12.0mm/.47”. Universal tool body accepts all
cassettes. High quality steel blade cassettes with razor sharp edges
for long, effective use.
442 24
Cables: RG
58/59/62/174/180/188/
195/316/6/ Belden 8281
2 Step Replacement Stripping Cassettes
Item No.
Color
Strip Range
Strip Dim.
lbs.
Pkg.
442 37
Blue
1.87-7.6mm
6.8(0.27”)
.01
1
442 38
Red
1.87-7.6mm
6.0(0.24”)
.01
1
442 39
Yellow
1.87-7.6mm
12.0(0.47”) .01
1
442 40
Orange
1.87-7.6mm
9.2(0.36”)
.01
1
2 Step Replacement Stripping Cassettes
High quality steel blade cassettes.
442
Cables: RG
58/59/62/174/180/
188/195/316/6/
Belden 8281
2 Step
Stripping Tool - No Cassette
#442 00
lbs.
Pkg.
.07
1
Cassette Hand-Stripping Tool Accurate & versatile coaxial
hand-stripping tool. Holds all 2 or 3 step cassettes.
442 00
Stripping Tool Set
#442 90
Set includes: Stripping Tool, L-key,
lbs. Pkg.
4 Cable V-blocks & 4 Stripping Cassettes
.10
1
Set, 10 Pc. Cassette Hand-Stripping Tool
Accurate & versatile coaxial hand-stripping tool, designed to provide 2
strip steps on chosen cable. Universal tool body accepts all cassettes.
442 90
2 Step
2 Step
A
B
Adjustable Screw
For Precise Blade
Positioning
Reversible
Cassettes
Long Life
Stepped Stripping
Depth For
Reduced Friction
4 Cable V-blocks
44237 44238 44239 44240
Blue
Red
Yellow Orange
6.8
6.0
12.0
9.2
0.27”
0.24”
0.47”
0.36”
User adjusted
“B” mm
“B” Inch
“A”
2 Step
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
High quality steel blade cassettes with
razor sharp edges for long, effective use.
PREVIOUS
NEXT


Similar Part No. - 44290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4429 ETC-4429 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
logo
Adafruit Industries
4429 ADAFRUIT-4429 Datasheet
785Kb / 2P
13.56MHz RFID/NFC Black Sewable Button - NTAG213 - 24mm Diameter
12-19-19
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
More results

Similar Description - 44290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
80050 ETC2-80050 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com