Electronic Components Datasheet Search
  English  ▼

X  

SN54LS73A Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS73A
Description  DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS73A Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS73A Datasheet HTML 1Page - Motorola, Inc SN54LS73A Datasheet HTML 2Page - Motorola, Inc SN54LS73A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-70
FAST AND LS TTL DATA
SN54/74LS73A
tPHL
tPHL
tPLH
Figure 1. Clock to Output Delays, Data
Set-Up and Hold Times, Clock Pulse Width
Figure 2. Set and Clear to Output Delays,
Set and Clear Pulse Widths
AC WAVEFORMS
tW
1.3 V
1.3 V
tW
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
tPLH
tPHL
SET
CLEAR
Q
Q
*The shaded areas indicate when the input is permitted to change for predictable output performance.
J or K *
CP
Q
Q
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts(L)
th(L) = 0
tW(L)
ts(H)
th(H) = 0
tW(H)
tPLH
1
fMAX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com