Electronic Components Datasheet Search
  English  ▼

X  

50835 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # 50835
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

50835 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  50835 Datasheet HTML 1Page - Analog Intergrations Corporation 50835 Datasheet HTML 2Page - Analog Intergrations Corporation 50835 Datasheet HTML 3Page - Analog Intergrations Corporation 50835 Datasheet HTML 4Page - Analog Intergrations Corporation 50835 Datasheet HTML 5Page - Analog Intergrations Corporation 50835 Datasheet HTML 6Page - Analog Intergrations Corporation 50835 Datasheet HTML 7Page - Analog Intergrations Corporation 50835 Datasheet HTML 8Page - Analog Intergrations Corporation 50835 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Catalog 82011
Revised 3-98
Table of Contents
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3, 4
Insulated Terminals and Splices:
PIDG (Pre-Insulated Diamond Grip)
Ring Tongue Terminals — 550°F [288°C] and 500°F [260°C] . . . . . . . . . . . . . . . . . 5, 6
Insulation Restriction Ring Tongue Terminals — 550°F [288°C] . . . . . . . . . . . . . . . . . 6
Splices — 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Spare Wire Caps — 550°F [288°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Post Insulated
Ring Tongue Terminals — 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Splices — 550°F [288°C] and 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Uninsulated Terminals and Splices:
Non-Insulation Support
Heat Resistant 650°F [343°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9, 10
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
High Temperature 1200°F [649°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Spade Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Insulation Support
Heat Resistant 650°F [343°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
High Temperature 1200°F [649°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14, 15
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17-21
Numerical Index. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
STRATO-THERM
Terminals & Splices for High Temperature Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com