Electronic Components Datasheet Search
  English  ▼

X  

AD5694 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5694
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5694 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5694 Datasheet HTML 2Page - Analog Devices AD5694 Datasheet HTML 3Page - Analog Devices AD5694 Datasheet HTML 4Page - Analog Devices AD5694 Datasheet HTML 5Page - Analog Devices AD5694 Datasheet HTML 6Page - Analog Devices AD5694 Datasheet HTML 7Page - Analog Devices AD5694 Datasheet HTML 8Page - Analog Devices AD5694 Datasheet HTML 9Page - Analog Devices AD5694 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 6 of 24
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1, 2
Min
Max
Unit
Description
t1
2.5
μs
SCL cycle time
t2
0.6
μs
tHIGH, SCL high time
t3
1.3
μs
tLOW, SCL low time
t4
0.6
μs
tHD,STA, start/repeated start hold time
t5
100
ns
tSU,DAT, data setup time
t63
0
0.9
μs
tHD,DAT, data hold time
t7
0.6
μs
tSU,STA, repeated start setup time
t8
0.6
μs
tSU,STO, stop condition setup time
t9
1.3
μs
tBUF, bus free time between a stop condition and a start condition
t104
0
300
ns
tR, rise time of SCL and SDA when receiving
t114, 5
20 + 0.1CB
300
ns
tF, fall time of SCL and SDA when transmitting/receiving
t12
20
ns
LDAC pulse width
t13
400
ns
SCL rising edge to LDAC rising edge
tSP6
0
50
ns
Pulse width of suppressed spike
CB5
400
pF
Capacitive load for each bus line
1 See Figure 2.
2 Guaranteed by design and characterization; not production tested.
3 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) to bridge the undefined region of the SCL
falling edge.
4 tR and tF are measured from 0.3 × VDD to 0.7 × VDD.
5 CB is the total capacitance of one bus line in pF.
6 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns.
Timing Diagram
Figure 2. 2-Wire Serial Interface Timing Diagram
SCL
SDA
t1
t3
LDAC1
LDAC2
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t4
t6
t5
t7
t8
t2
t13
t4
t11
t10
t12
t12
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com