Electronic Components Datasheet Search
  English  ▼

X  

ADG702 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG702
Description  CMOS Low Voltage 2 廓 SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG702 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG702 Datasheet HTML 4Page - Analog Devices ADG702 Datasheet HTML 5Page - Analog Devices ADG702 Datasheet HTML 6Page - Analog Devices ADG702 Datasheet HTML 7Page - Analog Devices ADG702 Datasheet HTML 8Page - Analog Devices ADG702 Datasheet HTML 9Page - Analog Devices ADG702 Datasheet HTML 10Page - Analog Devices ADG702 Datasheet HTML 11Page - Analog Devices ADG702 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADG701/ADG702
Rev. C | Page 12 of 12
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
5°
0°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 22. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Package Description
Package Option
Branding
ADG701BRJ-500RL7
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B
ADG701BRJ-REEL
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B
ADG701BRJ-REEL7
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B
ADG701BRM
8-Lead Mini Small Outline Package [MSOP]
RM-8
S3B
ADG701BRM-REEL
8-Lead Mini Small Outline Package [MSOP]
RM-8
S3B
ADG701BRM-REEL7
8-Lead Mini Small Outline Package [MSOP]
RM-8
S3B
ADG701BRT-REEL
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S3B
ADG701BRT-REEL7
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S3B
ADG701BRJZ-500RL71
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B#
ADG701BRJZ-REEL1
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B#
ADG701BRJZ-REEL71
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S3B#
ADG701BRMZ1
8-Lead Mini Small Outline Package [MSOP]
RM-8
S0S
ADG701BRMZ-REEL71
8-Lead Mini Small Outline Package [MSOP]
RM-8
S0S
ADG701BRTZ-REEL1
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S3B#
ADG701BRTZ-REEL71
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S3B#
ADG702BRJ-500RL7
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S4B
ADG702BRJ-REEL
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S4B
ADG702BRJ-REEL7
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S4B
ADG702BRM
8-Lead Mini Small Outline Package [MSOP]
RM-8
S4B
ADG702BRM-REEL
8-Lead Mini Small Outline Package [MSOP]
RM-8
S4B
ADG702BRM-REEL7
8-Lead Mini Small Outline Package [MSOP]
RM-8
S4B
ADG702BRT-REEL
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S4B
ADG702BRT-REEL7
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S4B
ADG702BRJZ-500RL71
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S14
ADG702BRJZ-REEL1
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S14
ADG702BRJZ-REEL71
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
S14
ADG702BRMZ1
8-Lead Mini Small Outline Package [MSOP]
RM-8
S14
ADG702BRMZ-REEL71
8-Lead Mini Small Outline Package [MSOP]
RM-8
S14
ADG702BRTZ-REEL1
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S4B#
ADG702BRTZ-REEL71
6-Lead Small Outline Transistor Package [SOT-23]
RT-6
S4B#
1 Z = Pb-free part, # denotes lead-free product, may be top or bottom marked.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00039–0–7/06(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com