Electronic Components Datasheet Search
  English  ▼

X  

AS3400 Datasheet(PDF) 26 Page - ams AG

Part # AS3400
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3400 Datasheet(HTML) 26 Page - ams AG

Back Button AS3400 Datasheet HTML 22Page - ams AG AS3400 Datasheet HTML 23Page - ams AG AS3400 Datasheet HTML 24Page - ams AG AS3400 Datasheet HTML 25Page - ams AG AS3400 Datasheet HTML 26Page - ams AG AS3400 Datasheet HTML 27Page - ams AG AS3400 Datasheet HTML 28Page - ams AG AS3400 Datasheet HTML 29Page - ams AG AS3400 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
26 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.8.2 Parameter
Figure 26. 2-Wire Serial Timing
VBAT >=1.4V
1, TA=25ºC, unless otherwise specified.
Table 13. 2-Wire Serial Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low Input Level
(max 30%DVDD)
0
-
0.87
V
VCSH
CSCL, CSDA High Input Level
CSCL, CSDA (min 70%DVDD)
2.03
-
5.5
V
HYST
CSCL, CSDA Input Hysteresis
200
450
800
mV
VOL
CSDA Low Output Level
at 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
TH
Clock high time
max. 400kHz clock speed
500
ns
TL
Clock low time
max. 400kHz clock speed
500
ns
TSU
CSDA has to change Tsetup before rising edge
of CSCL
250
-
-
ns
THD
No hold time needed for CSDA relative to rising
edge of CSCL
0--
ns
TS
CSDA H hold time relative to CSDA edge for
start/stop/rep_start
200
-
-
ns
TPD
CSDA prop delay relative to lowgoing edge of
CSCL
50
ns
1. Serial interface operates down to VBAT = 1.0V but with 100kHz clock speed and degraded parameters.
8
1-7
CSCL
CSDA
8
9
8
1-7
8
9
8
1-7
8
9
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
TS
TSU
TH
TL
THD
TPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com