Electronic Components Datasheet Search
  English  ▼

X  

ADS8887IDGS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8887IDGS
Description  18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8887IDGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8887IDGS Datasheet HTML 9Page - Texas Instruments ADS8887IDGS Datasheet HTML 10Page - Texas Instruments ADS8887IDGS Datasheet HTML 11Page - Texas Instruments ADS8887IDGS Datasheet HTML 12Page - Texas Instruments ADS8887IDGS Datasheet HTML 13Page - Texas Instruments ADS8887IDGS Datasheet HTML 14Page - Texas Instruments ADS8887IDGS Datasheet HTML 15Page - Texas Instruments ADS8887IDGS Datasheet HTML 16Page - Texas Instruments ADS8887IDGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
0
0.25
0.5
0.75
1
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
0
0.5
1
1.5
2
2.5
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
-125
-123
-121
-119
-117
-115
-113
-111
-109
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
110
112
114
116
118
120
122
124
126
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
94
95
96
97
98
99
100
101
102
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C01
f
IN = 1 kHz
14
14.5
15
15.5
16
16.5
17
17.5
18
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
ADS8887
www.ti.com
SBAS613A – MAY 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 100 kSPS, unless otherwise noted.
Figure 24. SINAD vs TEMPERATURE
Figure 25. ENOB vs TEMPERATURE
Figure 26. THD vs TEMPERATURE
Figure 27. SFDR vs TEMPERATURE
Figure 28. SUPPLY CURRENT vs TEMPERATURE
Figure 29. POWER CONSUMPTION vs TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS8887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com