Electronic Components Datasheet Search
  English  ▼

X  

324370 Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # 324370
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

324370 Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button 324370 Datasheet HTML 9Page - Analog Intergrations Corporation 324370 Datasheet HTML 10Page - Analog Intergrations Corporation 324370 Datasheet HTML 11Page - Analog Intergrations Corporation 324370 Datasheet HTML 12Page - Analog Intergrations Corporation 324370 Datasheet HTML 13Page - Analog Intergrations Corporation 324370 Datasheet HTML 14Page - Analog Intergrations Corporation 324370 Datasheet HTML 15Page - Analog Intergrations Corporation 324370 Datasheet HTML 16Page - Analog Intergrations Corporation 324370 Datasheet HTML 17Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Uninsulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
13
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Stud
Insulation
Circular Mils Thickness
Size
W
C
E
L
Diameter
Loose
Tape
[mm2]
Max.
Min.
Max.
Max.
Max.
Piece
Mounted
.218
.156
.512
.624
.140
4
5.54
3.96
13.00
15.85
3.56
322363
—
.218
.156
.512
.624
.140
5.54
3.96
13.00
15.85
3.56
322364
—
6
.218
.156
.530
.645
.110
M3.5
5.54
3.96
13.46
16.38
2.79
323151
—
.281
.250
.611
.749
.140
7.14
6.35
15.52
19.02
3.56
323199
—
22-16
.281
.250
.611
.749
.140
509-3,260
.033
8
7.14
6.35
15.52
19.02
3.56
322365
—
[0.26-1.65]
0.84
M4
.281
.250
.629
.770
.110
7.14
6.35
15.98
19.56
2.79
323152
323152-1
.281
.250
.611
.749
.140
10
7.14
6.35
15.52
19.02
3.56
322366
—
.281
.250
.629
.770
.110
7.14
6.35
15.98
19.56
2.79
323153
—
.469
.437
.793
1.031
.140
1/4
11.91
11.10
20.14
26.19
3.56
322367
—
M6
.469
.437
.810
1.051
.110
11.91
11.10
20.57
26.70
2.79
323154
—
.250
.171
.527
.655
.170
4
6.35
4.34
13.39
16.64
4.32
322371
—
.343
.281
.637
.811
.170
6
8.71
7.14
16.18
20.60
4.32
322373
—
M3.5
.250
.171
.549
.680
.130
6.35
4.34
13.94
17.27
3.30
323158
—
.343
.281
.637
.811
.170
16-14
8
8.71
7.14
16.18
20.60
4.32
322374
—
2,050-5,180
.033
M4
.343
.281
.659
.836
.130
[1.04-2.62]
0.84
8.71
7.14
16.74
21.23
3.30
323160
—
.343
.281
.637
.811
.170
10
8.71
7.14
16.18
20.60
4.32
322375
—
.343
.281
.659
.836
.130
8.71
7.14
16.74
21.23
3.30
323161
—
.469
.437
.793
1.030
.170
1/4
11.91
11.10
20.14
26.16
4.32
322376
—
M6
.469
.437
.815
1.055
.130
11.91
11.10
20.70
26.80
3.30
323162
—
6
.375
.302
.841
1.034
.230
M3.5
9.53
7.67
21.36
26.26
5.84
323066
—
8
.375
.302
.841
1.034
.230
12-10
M4
9.53
7.67
21.36
26.26
5.84
323067
—
5,180-13,100
.042
.375
.302
.841
1.034
.230
[2.62-6.64]
1.07
10
9.53
7.67
21.36
26.26
5.84
323068
323068-1
.375
.302
.840
1.030
.250
9.53
7.67
21.34
26.16
6.35
325154
—
1/4
.531
.468
1.002
1.273
.230
M6
13.49
11.89
25.45
32.33
5.84
323069
—
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Temperature Rating,
Material and Finish
Terminal Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
650°F [343°C]
Metallic Sleeve — Nickel Silver per
ASTM B122
Insulation Support
Diamond Grip
Heat Resistant
Ring Tongue Terminals
Related Product Data
Application Tooling — pages 17-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com