Electronic Components Datasheet Search
  English  ▼

X  

TMP04 Datasheet(PDF) 16 Page - Analog Devices

Part # TMP04
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04 Datasheet(HTML) 16 Page - Analog Devices

Back Button TMP04 Datasheet HTML 8Page - Analog Devices TMP04 Datasheet HTML 9Page - Analog Devices TMP04 Datasheet HTML 10Page - Analog Devices TMP04 Datasheet HTML 11Page - Analog Devices TMP04 Datasheet HTML 12Page - Analog Devices TMP04 Datasheet HTML 13Page - Analog Devices TMP04 Datasheet HTML 14Page - Analog Devices TMP04 Datasheet HTML 15Page - Analog Devices TMP04 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
TMP03/TMP04
REV. A
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
3-Pin TO-92
0.105 (2.66)
0.080 (2.42)
0.105 (2.66)
0.080 (2.42)
0.165 (4.19)
0.125 (3.94)
SQUARE
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.39)
0.045 (1.15)
SEATING
PLANE
0.500
(12.70)
MIN
0.205 (5.20)
0.175 (4.96)
0.210 (5.33)
0.170 (4.38)
12
3
BOTTOM
VIEW
0.135
(3.43)
MIN
0.050
(1.27)
MAX
8-Pin SOIC (SO-8)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
8-Pin TSSOP (RU-8)
8
5
4
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.0256 (0.65)
BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
advantage in this application because it produces a linear tem-
perature output while needing only one I/O pin and without
requiring an A/D converter.
PC BOARD
TMP04 IN SURFACE MOUNT PACKAGE
FAST MICROPROCESSOR, DSP, ETC., IN PGA PACKAGE
PGA SOCKET
Figure 13. Monitoring the Temperature of a High Power
Microprocessor Improves System Reliability
Thermal Response Time
The time required for a temperature sensor to settle to a speci-
fied accuracy is a function of the thermal mass of, and the
thermal conductivity between, the sensor and the object being
sensed. Thermal mass is often considered equivalent to capaci-
tance. Thermal conductivity is commonly specified using the
symbol
Θ, and can be thought of as thermal resistance. It is
commonly specified in units of degrees per watt of power trans-
ferred across the thermal joint. Thus, the time required for the
TMP03 to settle to the desired accuracy is dependent on the
package selected, the thermal contact established in that par-
ticular application, and the equivalent power of the heat source.
In most applications, the settling time is probably best deter-
mined empirically. The TMP03 output operates at a nominal
frequency of 35 Hz at 25
°C, so the minimum settling time reso-
lution is 27 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com