Electronic Components Datasheet Search
  English  ▼

X  

STEF4S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STEF4S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STEF4S Datasheet HTML 3Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 4Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 5Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 6Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 7Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 8Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 9Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 10Page - List of Unclassifed Manufacturers STEF4S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID025259 Rev 1
7/21
STEF4S
Electrical characteristics
Total device
IBias
Bias current
ON state, VEN = VIN = 5 V
50
65
µA
OFF state, VEN = GND, VIN = 5 V
15
Vmin
Minimum operating voltage
Device is in OFF state (VOUT = 0)
2
V
Thermal latch
TSD
Shutdown temperature
140
°C
Hysteresis
20
1.
Guaranteed by design, not tested in production.
Table 5. STEF4S electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com