Electronic Components Datasheet Search
  English  ▼

X  

323878 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # 323878
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

323878 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  323878 Datasheet HTML 1Page - Analog Intergrations Corporation 323878 Datasheet HTML 2Page - Analog Intergrations Corporation 323878 Datasheet HTML 3Page - Analog Intergrations Corporation 323878 Datasheet HTML 4Page - Analog Intergrations Corporation 323878 Datasheet HTML 5Page - Analog Intergrations Corporation 323878 Datasheet HTML 6Page - Analog Intergrations Corporation 323878 Datasheet HTML 7Page - Analog Intergrations Corporation 323878 Datasheet HTML 8Page - Analog Intergrations Corporation 323878 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Introduction (Continued)
Ordering Information
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
4
All terminals and splices are
listed according to wire size
and type of terminal or
splice. If the part number of
the terminal or splice is
known, refer to the
Numerical Index, at the
back of this catalog, for
page location of tabular
data.
In the Tabular Data Section,
part numbers are available
in either loose piece or tape
mounted form.
When ordering tape mount-
ed part numbers, specify
the terminal or splice part
number, the total quantity of
parts desired (if applicable).
The chart to the right lists
by wire size the type of
packaging available and
the quantity per package.
All five types of
STRATO-THERM terminals
and splices provide opti-
mum corrosion and vibration
resistance plus outstanding
tensile characteristics.
All types, except the
STRATO-THERM PIDG ter-
minals, splices and pre-
insulated spare wire caps,
employ the famous “W”
crimp which creates the
precise electromechanical
properties necessary for
solid and/or stranded con-
ductor combinations. A
proper crimp will provide a
uniform and permanent
attachment. When mechani-
cal pressure is applied to
the terminal barrel, the wire
inside is forced into the ser-
rations or dimples of the
barrel. Shown are four typi-
cal photomacrographs of
the “W” crimp, illustrating
the results of crimping vari-
ous conductor combina-
tions. In each case, the
action of the crimp has
compressed the conductors
and the barrel into a
homogenous mass.
The Crimp
STRATO-THERM PIDG
terminals and splices
employ the equally reliable
confined “C” crimp plus
multiple position insulation
support crimp for today’s
smaller insulated wires. This
“C” crimp is especially suit-
ed to crimping the terminal
barrel and insulation sleeve
to stranded wire conduc-
tors. The photomacrograph
shows the results of “C”
crimping. Virtually the same
electromechanical proper-
ties are obtained as in the
“W” crimp. Pre-insulated
spare wire caps and post-
insulated splices are
crimped with an “O” crimp
configuration.
Wire Range
Standard Quantities
AWG
Loose Piece
Tape Mounted
26–14
1,000
5,000
26–22
—
2,500
12–10
500
2,500
8, 6, 4
100
—
2, 1⁄0
50
—
Note: Package quantities may vary with specific part numbers.
Confined C
One Stranded
Two Solid
One Solid
Two Stranded
One Solid
“W” Crimp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com