Electronic Components Datasheet Search
  English  ▼

X  

322367 Datasheet(PDF) 17 Page - Analog Intergrations Corporation

Part # 322367
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

322367 Datasheet(HTML) 17 Page - Analog Intergrations Corporation

Back Button 322367 Datasheet HTML 13Page - Analog Intergrations Corporation 322367 Datasheet HTML 14Page - Analog Intergrations Corporation 322367 Datasheet HTML 15Page - Analog Intergrations Corporation 322367 Datasheet HTML 16Page - Analog Intergrations Corporation 322367 Datasheet HTML 17Page - Analog Intergrations Corporation 322367 Datasheet HTML 18Page - Analog Intergrations Corporation 322367 Datasheet HTML 19Page - Analog Intergrations Corporation 322367 Datasheet HTML 20Page - Analog Intergrations Corporation 322367 Datasheet HTML 21Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Application Tooling Information for STRATO-THERM Insulated Heat
Resistant and High Temperature Terminals and Splices
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
17
Pneumatic
Tooling For
Tooling
Tape Mounted Products
AMP
Dies for 626 Pneumatic Tools
Dies for 69875
Product
Wire
Hand
189721-[ ] and 189722-[ ]
AMP-TAPETRONIC
Type
Size
Tools
require Straight Action Adapter1
AMP-O-LECTRIC2
217200-1 or “C” Head Adapter 318161-1
Requires Applicator
Dies also fit 69710-1 Hand Tool
AMPOMATOR CLS IV2
Requires Applicators
26-24
69731
—
Pre-Insulated
22-20
69692-1
69732
69936
Terminals
18-16
69733
69937
14
69693-1
69734
—
12-10
—
69735
—
Pre-Insulated
22-20
—
69327
—
Splices
18-16
—
69328
—
14-12
—
69329
—
1Straight Action Adapter 217200-1 is used with Tools 189721-1 or 189722-1. “C”Head Adapter 318161-1 is used with
Tools 189721-2 or 189722-2. Both adapters require the use of non-ratchet tool holder 189928-1 or ratchet tool holder
356304-1.
2Call Tooling Assistance Center for Machine and Applicator part numbers.
Wire Size Range
AWG 26-10
Hydraulic and Battery Powered
AMP
Tools With Interchangeable Dies
Product
Wire
Hand
690972
690992
Type
Size
Tools
“C” Head
“C”
Nest
Indent
Head
26-24
45730
—
—
—
Post Insulated
22-20
46467, 464681
—
—
—
Terminals
18-16
46468
—
—
—
and Splices
8
—
46146
46145
69216
6
—
46134
46133
69217
1Part Number 55235-1 only
2These crimping heads are recommended for use only with AMP Hydraulic Hand Pump 314979-1, DYNA-CRIMP
Hydraulic Power Units 69120-1 (115 VAC) and 69120-2 (230 VAC), and with DYNA-CRIMP II Battery Operated
Hydraulic Power Unit 122271-1. See pages 20 & 21.
Wire Size Range
AWG 26-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com