Electronic Components Datasheet Search
  English  ▼

X  

AD1024F Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # AD1024F
Description  AD1024F Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD1024F Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  AD1024F_14 Datasheet HTML 1Page - MicroPower Direct, LLC AD1024F_14 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Model
Number
Rated
Power
(W)
Input
Output
Output
Ripple &
Noise
(mV P-P)
Overvoltage
Protection
(VDC)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(A)
Voltage (VAC)
Current (A)
Voltage
(VDC)
Current (A)
Max)
Current (A)
Range
Universal Range 115 VAC
230 VAC
AD1020-05F
20
100 - 240
1.0
0.5
5
4.0
0 ~ 4.0
50
7.0
78
2.0
AD1024-12F
24
100 - 240
1.0
0.5
12
2.0
0 ~ 2.0
100
20.0
80
2.0
AD1024-24F
24
100 - 240
1.0
0.5
24
1.0
0 ~ 1.0
150
40.0
83
2.0
AD1024-48F
24
100 - 240
1.0
0.5
48
0.5
0 ~ 0.5
250
60.0
83
2.0
Notes:
1. Load regulation is specified for a load change of 20% to
100%.
2. Ripple & noise is measured using equipment with 20 Mhz of
bandwidth with the unit under test operating at rated load
and a 110 VAC input. Connection to the unit is made with
a 0.1 µF / 630V metalized capacitor & a 47 µF electrolytic
capacitor connected in parallel.
3. Transient recovery is measured to within a 1% error band
for a load step change of 50% to 100%.
4. Isolation resistance is given for Input/Output and Input/FG.
For Output/FG., it is 50 M
5. Overload protection is power limiting. The unit recovers
automatically when the fault is removed.
6. Over voltage protection is a shut down type. The unit recov-
ers automatically when the fault is removed.
7. To mount the unit to the DIN rail, tilt the unit rearwards from
the top, fitting the mount over the top of the rail. Press back
on the bottom front of the unit until it locks in place on the
rail. To remove the unit from the rail, pull the removal clip at
the bottom rear of the unit downward with a screw driver.
With the clip down, lift up on the unit from the bottom front
until it clears the rail. Before installation or removal all wiring
should be disconnected and the main power to the system
shut off.
8. When wiring the supply, all lines should be as thick and
short as possible. AWG 14 wire is recommended for the
AD1024F series.
9. The units should be mounted so they are vertically orien-
tated. Air flow (if it is provided) would optimally flow from
the bottom to the top of the unit.
10. It is recommended that a fuse be used on the input of a
power supply for protection. For the AD1024F series,
a 250 VAC 2.0A is recommended.
Connections TB 1
Pin
Function
1
DC Output (+V)
2
DC Output (-V)
3
Frame Ground (FG)
4
AC/Neutral
5
AC/Live
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com