Electronic Components Datasheet Search
  English  ▼

X  

B2000ERU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B2000ERU
Description  B2000ERU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2000ERU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B2000ERU Datasheet HTML 1Page - MicroPower Direct, LLC B2000ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 20W Output Power
• 4:1 Input Voltage Range
• 1,500 VDC Isolation
• Compact 1 x 2 Inch Case
• Single & Dual Outputs
• Remote ON/OFF
• Industry Standard Pin-Out
B2000ERU
Ultra-Wide Input 20W
Single & Dual Output
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24
36.0
VDC
48 VDC Input
18.0
48
75.0
Under Voltage Lockout, 24 VDC Input
Unit Off
8.0
VDC
Unit On
9.0
Under Voltage Lockout, 48 VDC Input
Unit Off
16.0
VDC
Unit On
17.8
Input Filter
(Pi) Filter
Start-Up Time
10
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
%
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation
Iout = 10% to 100%
±0.5
±1.0
%
Cross Regulation
See Note 1
±5.0
%
Noise (20 MHz)
See Note 2
75
100
mV P - P
Ripple (20 MHz)
See Note 2
40
50
mV P - P
Output Power Protection
120
150
%
Transient Recovery Time, See Note 4
25% Load Step Change
200
500
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit , See Note 5
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
2,000
pF
Switching Frequency
400
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection (See Curves on Page 2)
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Physical
Case Size
2.0 x 1.0 x 0.44 Inches (50.8 x 25.4 x 11.2 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.41 Oz (40g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1,000
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
40.0
VDC
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case For 10 Sec
300.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - B2000ERU

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200000 E-SWITCH-B200000 Datasheet
224Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200001 E-SWITCH-B200001 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200002 E-SWITCH-B200002 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200003 E-SWITCH-B200003 Datasheet
226Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200004 E-SWITCH-B200004 Datasheet
216Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B2000ERU

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com