Electronic Components Datasheet Search
  English  ▼

X  

PS2601 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2601
Description  HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2601 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2601 Datasheet HTML 1Page - California Eastern Labs PS2601 Datasheet HTML 2Page - California Eastern Labs PS2601 Datasheet HTML 3Page - California Eastern Labs PS2601 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
PS2601, PS2601L, PS2602, PS2602L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.1
1.4
IR
Reverse Current, VR = 5 V
µA5
C
Junction Capacitance, V= 0, f = 1.0 MHz
pF
30
ICEO
Collector to Emitter Dark Current, VCE = 80 V, IF = 0
nA
100
BVCEO
Collector to Emitter Breakdown Voltage, IC = 1 mA, IB = 0
V
80
BVECO
Emitter to Collector Breakdown Voltage, IE = 100
µA, IB = 0
V
7
CTR
Current Transfer Ratio1, IF = 5 mA, VCE = 5 V
%
80
300
600
VCE(sat)
Collector Saturation Voltage, IF = 10 mA, IC = 2 mA
V
0.3
R1-2
Isolation Resistance, VIN-OUT = 1.0 kV
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1.0 MHZ
pF
0.6
tr
Rise Time 2, VCC = 5 V, IC = 2 mA
µs3
tf
Fall Time 2, VCC = 5 V, IC = 2 mA
µs5
FEATURES
•
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
•
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO : 80 V MIN
•
HIGH SPEED SWITCHING
tr = 3
µs, tf = 5 µs TYP
•
HIGH CURRENT TRANSFER RATIO
CTR: 300% TYP
•
TAPE AND REEL AVAILABLE
DESCRIPTION
PS2601, PS2602 ,PS2601L and PS2602L are optically coupled
isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor. PS2601 and PS2602 are in a plastic
DIP (Dual In-line Package). PS2601L and PS2602L are lead
bending type (Gull-wing) for surface mount. PS2601 and
PS2601L have a base pin, PS2602 and PS2602L have no
base pin.
PS2601
PS2601L
PS2602
PS2602L
HIGH ISOLATION VOLTAGE
6 PIN OPTOCOUPLER
Interface circuit for various instrumentations and control
equipment.
•
AC LINE / DIGITAL LOGIC
•
DIGITAL LOGIC / DIGITAL LOGIC
•
TWISTED PAIR LINE RECEIVER
•
TELEPHONE / TELEGRAPH LINE RECEIVER
•
HIGH FREQUENCY POWER SUPPLY
FEEDBACK CONTROL
APPLICATIONS
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. KD : 300 to 600 %
2. Test Circuit for Switching Time
LD : 200 to 400 %
MD :
80 to 240 %
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
65
4
12
3
65
4
12
3
PS2601
PS2602
PS2601
PS2602
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
6
California Eastern Laboratories


Similar Part No. - PS2601

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
NEC
PS2601 NEC-PS2601 Datasheet
223Kb / 38P
Optocoupler Applications
logo
Clare, Inc.
PS2601 CLARE-PS2601 Datasheet
91Kb / 4P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
103Kb / 5P
AC Power Switch
logo
California Eastern Labs
PS2601 CEL-PS2601 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
More results

Similar Description - PS2601

ManufacturerPart #DatasheetDescription
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2861H-1 CEL-PS2861H-1 Datasheet
278Kb / 3P
NECs HIGH ISOLATION VOLTAGE 4-PIN SOP OPTOCOUPLER
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2625 CEL-PS2625 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com