Electronic Components Datasheet Search
  English  ▼

X  

F2503RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # F2503RW
Description  F2500RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

F2503RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  F2503RW Datasheet HTML 1Page - MicroPower Direct, LLC F2503RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Notes:
• All dimensions are typical
in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed from the
+Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise
sensitive applications, the use of 4.7 µF capacitors will reduce the output ripple.The maximum rms value of the
output ripple is 10 mV.
2. Transient recovery is measured to within a 1% error band for a 75-100% load change.
3. The maximum sink current at the on/off pin (pin 4) during a logic low is 100 µA.The maximum allowable leakage
current of a switch connected to the on/off pin (Pin 4) at logic high (2.5V to 100V) is 5 µA. If the on/off pin (Pin 4)
is left open, the unit operates. If it is grounded, the unit will shut off.
4. No load operation will not damage these units, but they may not meet all spec’s.
5. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the load across
the positive (+Vout) and negative (-Vout) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source.An input source with a highly inductive imped-
ance may affect the stability of the converter. In applications where the converter output loading is high and input
power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low Equivalent Series Resistance (ESR <1.0
 at 100 kHz) capacitor be
mounted close to the converter.A 33 µF is recommended for 24V input models and a 10 µF for 48V units.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the
correct rating.
Heatsink Notes:
• Use of the heatsink will extend the units operating temperature
range by approximately 10°C.
• The heatsink is black anodized aluminum.
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
6
+Vout
Comm.
2
-Vin
-Vin
7
-Vout
-Vout
4
ON/OFF ON/OFF
8
Trim
Trim
5
No Pin
+Vout
Pin Connections
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
F2501RW
12
9.0 - 18.0
1,867
40
3.3
5,500
400.0
3.9
81
470
6,000
F2502RW
12
9.0 - 18.0
2,480
40
5.0
5,000
350.0
6.8
84
470
6,000
F2503RW
12
9.0 - 18.0
2,841
40
12.0
2,500
166.0
15.0
88
470
6,000
F2504RW
12
9.0 - 18.0
2,841
40
15.0
2,000
133.0
18.0
88
470
6,000
F2505RW
12
9.0 - 18.0
2,841
40
±12.0
±1,250
±83.0
±15.0
88
±220
6,000
F2506RW
12
9.0 - 18.0
2,841
40
±15.0
±1,000
±65.0
±18.0
88
±220
6,000
F2511RW
24
18.0 - 36.0
922
20
3.3
5,500
400.0
3.9
82
470
3,000
F2512RW
24
18.0 - 36.0
1,225
20
5.0
5,000
350.0
6.8
85
470
3,000
F2513RW
24
18.0 - 36.0
1,404
20
12.0
2,500
166.0
15.0
89
470
3,000
F2514RW
24
18.0 - 36.0
1,404
20
15.0
2,000
133.0
18.0
89
470
3,000
F2515RW
24
18.0 - 36.0
1,404
20
±12.0
±1,250
±83.0
±15.0
89
±220
3,000
F2516RW
24
18.0 - 36.0
1,404
20
±15.0
±1,000
±65.0
±18.0
89
±220
3,000
F2521RW
48
36.0 - 75.0
461
10
3.3
5,500
400.0
3.9
82
470
1,500
F2522RW
48
36.0 - 75.0
613
10
5.0
5,000
350.0
6.8
85
470
1,500
F2523RW
48
36.0 - 75.0
702
10
12.0
2,500
166.0
15.0
89
470
1,500
F2524RW
48
36.0 - 75.0
702
10
15.0
2,000
133.0
18.0
89
470
1,500
F2525RW
48
36.0 - 75.0
702
10
±12.0
±1,250
±83.0
±15.0
89
±220
1,500
F2526RW
48
36.0 - 75.0
702
10
±15.0
±1,000
±65.0
±18.0
89
±220
1,500
Mechanical Dimensions
A simple external circuit may be used to adjust
the converter output. To adjust the output DOWN,
connect a 5%, 3W resistor between the plus output
pin and the Vout trim pin. To adjust the output UP,
connect a 5%, 3W resistor between the minus
output pin and the Vout trim pin. To calculate the
correct resistor value use:
UP
Radj =
(33 x Vout) - (30 x Vadj)
Vadj - Vout
Down
Radj =
(36.667 x Vout) - (33 x Vout)
Vout - Vadj
For UP/Down trimming capability, connect a 10 kW
potentiometer between the plus and minus outputs
with the wiper arm connected to the Vout trim pin.
External Trim
Derating Curves
Heatsink Dimensions (Optional)
For Heatsink Option, add suffix “H” to model number (i.e. F2503RW-H)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com