Electronic Components Datasheet Search
  English  ▼

X  

LF522RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF522RW
Description  LF500RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF522RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF522RW Datasheet HTML 1Page - MicroPower Direct, LLC LF522RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 5W Output Power
• Wide 2:1 Inputs
• Miniature SMT Case
• Tight Line/Load Regulation
• 1,500 VDC Isolation
• -40ºC to +71ºC Operation
• 21 Standard Models
• 1.0 MH MTBF Minimum
• Industry Standard Pin-Out
LF500RW
Wide Input, 5W SMT
Single & Dual Output
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
7.5
8.0
9.0
VDC
24 VDC Input
14.0
16.0
18.0
48 VDC Input
30.0
33.0
36.0
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,000
3,000
mW
Input Filter
(Pi) Filter (Meets EN55022 Class A)
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Load
±0.5
±2.0
%
Line Regulation
For Vin = Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 20% to 100%
±0.3
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
50
85
mV P - P
Ripple & Noise (20 MHz)
100
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
115
140
165
%
Transient Response Time, See Note 2
25% Load Step Change
250
500
µS
Transient Response Deviation
±2
±6
%
Temperature Coefficient
±0.01
±0.02
%/
ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
1,000 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
650
750
pF
Switching Frequency
200
260
350
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
ºC
Operating Temperature Range
Case
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.31 x 0.81 x 0.40 Inches (33.4 x 20.6 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.49 Oz (14g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25
ºC, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - LF522RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF522RW MPD-LF522RW Datasheet
228Kb / 2P
Wide Input, 5W SMT Single & Dual Output DC/DC Converters
More results

Similar Description - LF522RW

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com