Electronic Components Datasheet Search
  English  ▼

X  

LF523RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF523RW
Description  LF500RW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF523RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF523RW Datasheet HTML 1Page - MicroPower Direct, LLC LF523RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor be placed from the +Vout
pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive
applications, the use of 3.3 µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. No-load operation will not damage these units, however, they may not meet specifications.
4. Dual output units may provide a 10V, 24V or 30V output. To do this, connect the load across the positive (+Vout) and
negative (-Vout) outputs and float the output common.
5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance
may affect the stability of the converter. In applications where the converter output loading is high and input power is
supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recom-
mended that a low ESR (ESR <1.0
 at 100 kHz) capacitor be mounted close to the converter. For 12V input units a 4.7
µF is recommended, and for 24V & 48V units a 2.2 µF.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct
rating.
Remote ON/OFF Notes:
1. Maximum sink current at the
on/off pin (pin 1) during a logic
low is 300 µA.
2. Maximum allowable leakage
current of a switch connected
to the on/off terminal (Pin 1)
at logic high (2.5V to 100V)
is 200 µA.
Parameter
Condition
Units
Supply On
2.5 to 5.5 or Open Circuit
VDC
Supply Off
-0.7 to 0.8
VDC
Standby Input Current
10
mA
Control Common
Referenced to Negative Input (-Vin)
Remote ON/OFF
Derating Curve
Single
Output (Max)
Dual
Output (Max)
680 µF
100 µF
Capacitive Load
Board Layout
Pin Connections
Pin
Single
Dual
1
On/Off
On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
NC
NC
11
NC
-Vout
12
NC
NC
13
NC
NC
14
+Vout
+Vout
15
NC
NC
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
24
NC
NC
NC: No Connection
Model
Number
Input
Output
Reflected
Ripple Cur.
(mA)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF501RW
12
9.0 - 18.0
434
20
3.3
1,200
120.0
25
76
1,500
LF502RW
12
9.0 - 18.0
521
20
5.0
1,000
100.0
25
80
1,500
LF503RW
12
9.0 - 18.0
502
20
12.0
417
41.7
25
83
1,500
LF504RW
12
9.0 - 18.0
502
20
15.0
333
33.3
25
83
1,500
LF505RW
12
9.0 - 18.0
521
20
±5.0
±500
±50.0
25
80
1,500
LF506RW
12
9.0 - 18.0
501
20
±12.0
±208
±20.8
25
83
1,500
LF507RW
12
9.0 - 18.0
503
20
±15.0
±167
±16.7
25
83
1,500
LF511RW
24
18.0 - 36.0
212
5
3.3
1,200
120.0
15
78
700
LF512RW
24
18.0 - 36.0
254
5
5.0
1,000
100.0
15
82
700
LF513RW
24
18.0 - 36.0
245
5
12.0
417
41.7
15
85
700
LF514RW
24
18.0 - 36.0
245
5
15.0
333
33.3
15
85
700
LF515RW
24
18.0 - 36.0
254
5
±5.0
±500
±50.0
15
82
700
LF516RW
24
18.0 - 36.0
245
5
±12.0
±208
±20.8
15
85
700
LF517RW
24
18.0 - 36.0
246
5
±15.0
±167
±16.7
15
85
700
LF521RW
48
36.0 - 75.0
106
3
3.3
1,200
120.0
10
78
350
LF522RW
48
36.0 - 75.0
127
3
5.0
1,000
100.0
10
82
350
LF523RW
48
36.0 - 75.0
123
3
12.0
417
41.7
10
85
350
LF524RW
48
36.0 - 75.0
122
3
15.0
333
33.3
10
85
350
LF525RW
48
36.0 - 75.0
127
3
±5.0
±500
±50.0
10
82
350
LF526RW
48
36.0 - 75.0
122
3
±12.0
±208
±20.8
10
85
350
LF527RW
48
36.0 - 75.0
123
3
±15.0
±167
±16.7
10
85
350
Ot
t
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com